Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 265 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 265 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 261Page - Altera Corporation PLL2_C3 Datasheet HTML 262Page - Altera Corporation PLL2_C3 Datasheet HTML 263Page - Altera Corporation PLL2_C3 Datasheet HTML 264Page - Altera Corporation PLL2_C3 Datasheet HTML 265Page - Altera Corporation PLL2_C3 Datasheet HTML 266Page - Altera Corporation PLL2_C3 Datasheet HTML 267Page - Altera Corporation PLL2_C3 Datasheet HTML 268Page - Altera Corporation PLL2_C3 Datasheet HTML 269Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 274 page
background image
CIII51014-2.3
© 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone III Device Handbook
Volume 1
December 2011
Subscribe
ISO
9001:2008
Registered
12. IEEE 1149.1 (JTAG) Boundary-Scan
Testing for the Cyclone III Device Family
This chapter provides guidelines on using the IEEE Std. 1149.1 boundary-scan test
(BST) circuitry in Cyclone® III device family (Cyclone III and Cyclone III LS devices).
BST architecture tests pin connections without using physical test probes, and
captures functional data while a device is operating normally. Boundary-scan cells
(BSCs) in a device can force signals onto pins or capture data from pin or logic array
signals. Forced test data is serially shifted into the boundary-scan cells. Captured data
is serially shifted out and externally compared to expected results.
This chapter contains the following sections:
■
“IEEE Std. 1149.1 BST Architecture” on page 12–1
■
“IEEE Std. 1149.1 BST Operation Control” on page 12–2
■
“I/O Voltage Support in a JTAG Chain” on page 12–5
■
“Guidelines for IEEE Std. 1149.1 BST” on page 12–6
■
“Boundary-Scan Description Language Support” on page 12–7
IEEE Std. 1149.1 BST Architecture
Cyclone III device family operating in the IEEE Std. 1149.1 BST mode use four
required pins:
■
TDI
■
TDO
■
TMS
■
TCK
The TCK pin has an internal weak pull-down resistor, while the TDI and TMS pins have
weak internal pull-up resistors. The TDO output pin and all the JTAG input pins are
powered by the VCCIO supply of bank 1A. All user I/O pins are tri-stated during JTAG
configuration.
1 For recommendations on how to connect a JTAG chain with multiple voltages across
the devices in the chain, refer to “I/O Voltage Support in a JTAG Chain” on page 12–5.
f For more information about the description and functionality of all JTAG pins,
registers used by the IEEE Std. 1149.1 BST circuitry, and the test access port (TAP)
controller, refer to AN39: IEEE 1149.1 (JTAG) Boundary-Scan Testing in Altera Devices.
December 2011
CIII51014-2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com