Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 268 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 268 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 264Page - Altera Corporation PLL2_C3 Datasheet HTML 265Page - Altera Corporation PLL2_C3 Datasheet HTML 266Page - Altera Corporation PLL2_C3 Datasheet HTML 267Page - Altera Corporation PLL2_C3 Datasheet HTML 268Page - Altera Corporation PLL2_C3 Datasheet HTML 269Page - Altera Corporation PLL2_C3 Datasheet HTML 270Page - Altera Corporation PLL2_C3 Datasheet HTML 271Page - Altera Corporation PLL2_C3 Datasheet HTML 272Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 274 page
background image
12–4
Chapter 12: IEEE 1149.1 (JTAG) Boundary-Scan Testing for the Cyclone III Device Family
IEEE Std. 1149.1 BST Operation Control
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
The IEEE Std. 1149.1 BST circuitry is enabled upon device power-up. You can perform
BST on Cyclone III device family before, after, and during configuration. Cyclone III
device family supports the BYPASS, IDCODE and SAMPLE instructions during
configuration without interrupting configuration. To send all other JTAG instructions,
interrupt the configuration using the CONFIG_IO instruction except for active
configuration schemes in which the ACTIVE_DISENGAGE instruction is used instead.
The CONFIG_IO instruction allows you to configure I/O buffers via the JTAG port, and
when issued, interrupts configuration. This instruction allows you to perform board-
level testing prior to configuring Cyclone III device family. Alternatively, you can wait
for the configuration device to complete configuration. After configuration is
interrupted and JTAG BST is complete, you must reconfigure the part via JTAG
(PULSE_NCONFIG instruction) or by pulsing nCONFIG low.
1 When you perform JTAG boundary-scan testing before configuration, the nCONFIG pin
must be held low.
f For more information about the following topics, refer to AN39: IEEE 1149.1 (JTAG)
Boundary-Scan Testing in Altera Devices:
■
TAP controller state-machine
■
Timing requirements for IEEE Std. 1149.1 signals
■
Instruction mode
■
Mandatory JTAG instructions (SAMPLE/PRELOAD, EXTEST and BYPASS)
■
Optional JTAG instructions (IDCODE, USERCODE, CLAMP and HIGHZ)
The following information is only applicable to Cyclone III LS devices:
FACTORY (4)
10 1000 0001
Enables access to all other JTAG instructions (other than BYPASS,
SAMPLE/PRELOAD
and EXTEST instructions, which are supported upon
power up). This instruction also clears the device configuration data
and advanced encryption standard (AES) volatile key.
KEY_PROG_VOL (4)
01 1010 1101
Used to enter and store the security key into volatile registers. When
this instruction is executed, TDI is connected to a 512-bit volatile key
scan chain. TDO is not connected to the end of this scan chain.
KEY_CLR_VREG (4)
00 0010 1001
Clears the volatile verify register which signifies the validity of the
volatile keys stored in the registers. You must clear the volatile verify
register by issuing this command whenever you attempt to program a
new volatile key. This instruction must be asserted for at least 10 TCK
cycles.
Notes to Table 12–3:
(1) Bus hold and weak pull-up resistor features override the high-impedance state of HIGHZ, CLAMP, and EXTEST.
(2) For more information about how to use CONFIG_IO, EN_ACTIVE_CLK, DIS_ACTIVE_CLK, ACTIVE_DISENGAGE, ACTIVE_ENGAGE and
APFC_BOOT_ADDR
instructions for Cyclone III device family, refer to the Configuration, Design Security, and Remote System Upgrades in
Cyclone III Devices chapter.
(3) APFC_BOOT_ADDR instruction is not supported in Cyclone III LS devices.
(4) For Cyclone III LS devices only. For more information about how to program the security key into the volatile registers, refer to the
Configuration, Design Security, and Remote System Upgrades in Cyclone III Devices chapter.
Table 12–3. IEEE Std. 1149.1 (JTAG) Instructions Supported by Cyclone III Device Family
(Part 2 of 2)
JTAG Instruction
Instruction Code
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com