Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC2002 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRFIC2002
Description  900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2002 Datasheet(HTML) 4 Page - Motorola, Inc

  MRFIC2002 Datasheet HTML 1Page - Motorola, Inc MRFIC2002 Datasheet HTML 2Page - Motorola, Inc MRFIC2002 Datasheet HTML 3Page - Motorola, Inc MRFIC2002 Datasheet HTML 4Page - Motorola, Inc MRFIC2002 Datasheet HTML 5Page - Motorola, Inc MRFIC2002 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRFIC2002
4
MOTOROLA RF DEVICE DATA
PLO, LO INPUT POWER (dBm)
Figure 5. Gain versus LO Input Power
11
7
–12
–15
0
16
14
12
10
8
Figure 6. Gain versus LO Input Power
–6
PLO, LO INPUT POWER (dBm)
10
9
8
–9
–3
VCC = 3 V
25
°C
85
°C
–12
–15
0
–6
–9
–3
TA = 25°C
4 V
3 V
VCC = 5 V
TA = – 35°C
PLO, LO INPUT POWER (dBm)
– 8
– 3
–12
–15
– 9– 6
–14
–10
–12
–16
–18
0
PIF, IF INPUT POWER (dBm)
–12
–30
–2
– 6
–10
–14
–18
– 22
–18
25
°C
PIF, IF INPUT POWER (dBm)
–14
–16
–20
–22
85
°C
VCC = 3 V
VCC = 5 V
TA = 25°C
3 V
– 26
– 22
–18
–14
–10
TA = – 35°C
– 30
– 26
– 22
–18
–14
–10
VCC = 5 V
4 V
3 V
TA = 25°C
4 V
Figure 7. Output Power versus IF Input Power
Figure 8. Output Power versus IF Input Power
Figure 9. Output Power at 1.0 dB Gain Compression
versus LO Input Power



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com