Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC2002 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRFIC2002
Description  900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2002 Datasheet(HTML) 1 Page - Motorola, Inc

  MRFIC2002 Datasheet HTML 1Page - Motorola, Inc MRFIC2002 Datasheet HTML 2Page - Motorola, Inc MRFIC2002 Datasheet HTML 3Page - Motorola, Inc MRFIC2002 Datasheet HTML 4Page - Motorola, Inc MRFIC2002 Datasheet HTML 5Page - Motorola, Inc MRFIC2002 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
MRFIC2002
MOTOROLA RF DEVICE DATA
The MRFIC Line
900 MHz Transmit Mixer
The MRFIC2002 is a double-balanced, active mixer designed for transmitters
operating in the 800 MHz to 1.0 GHz frequency range. The design utilizes
Motorola’s advanced MOSAIC 3 silicon bipolar RF process to yield superior
performance in a cost effective monolithic device. Applications for the
MRFIC2002 include CT1 and CT2 cordless telephones, GSM, remote controls,
video and audio short range links, low cost cellular radios, and ISM band
transmitters. A power down control is provided to minimize current drain with
minimum recovery / turn-on time.
• Conversion Gain = 10 dB (Typ)
• Supply Current = 5.5 mA (Typ)
• Power Down Supply Current = 2.0 µA (Max)
• LO-RF Isolation = 25 dB (Typ)
• Low LO Drive Required = –10 dBm (Typ)
• LO Impedance Insensitive to Power Down
• No Matching Required for RF OUT Port
• All Ports are Single Ended
• Order MRFIC2002R2 for Tape and Reel.
R2 Suffix = 2,500 Units per 12 mm, 13 inch Reel.
• Device Marking = M2002
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Supply Voltage
VCC
5.5
Vdc
Control Voltages
ENABLE, VRAMP
5.0
Vdc
Input Power, LO and IF Ports
PLO, PIF
+10
dBm
Operating Ambient Temperature
TA
– 35 to + 85
°C
Storage Temperature
Tstg
– 65 to +150
°C
IF IN
VRAMP(1)
GND
ENABLE
LO IN
VCC
GND
RF OUT
1
8
2
7
3
6
4
5
BIAS
CNTL
(1) For CT2 applications, apply ramp voltage provided in MRFIC2004. For non-CT2, leave open circuited.
Pin Connections and Functional Block Diagram
Order this document
by MRFIC2002/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRFIC2002
900 MHz TX-MIXER
SILICON MONOLITHIC
INTEGRATED CIRCUIT
CASE 751-05
(SO-8)
© Motorola, Inc. 1997
REV 2


Similar Part No. - MRFIC2002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2001 MOTOROLA-MRFIC2001 Datasheet
191Kb / 6P
900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2006 MOTOROLA-MRFIC2006 Datasheet
165Kb / 8P
900 MHz 2 STAGE PA SILICON MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC2002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0931 MOTOROLA-MRFIC0931 Datasheet
83Kb / 4P
BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2001 MOTOROLA-MRFIC2001 Datasheet
191Kb / 6P
900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2006 MOTOROLA-MRFIC2006 Datasheet
165Kb / 8P
900 MHz 2 STAGE PA SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Rohm
BD3485FS ROHM-BD3485FS Datasheet
331Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com