Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC2002 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRFIC2002
Description  900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2002 Datasheet(HTML) 3 Page - Motorola, Inc

  MRFIC2002 Datasheet HTML 1Page - Motorola, Inc MRFIC2002 Datasheet HTML 2Page - Motorola, Inc MRFIC2002 Datasheet HTML 3Page - Motorola, Inc MRFIC2002 Datasheet HTML 4Page - Motorola, Inc MRFIC2002 Datasheet HTML 5Page - Motorola, Inc MRFIC2002 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRFIC2002
MOTOROLA RF DEVICE DATA
fRF, RF FREQUENCY (MHz)
13
900
600
500
700
800
10
TA = – 35°C
+25
°C
12
11
9
8
1000
+85
°C
VCC = 3 V
fIF = 100 MHz
18
16
14
12
10
8
fRF, RF FREQUENCY (MHz)
900
600
500
700
800
1000
VCC = 5 V
TA = 25°C
fIF = 100 MHz
4 V
3 V
Figure 2. Port Impedances versus Frequency
Figure 3. Gain versus RF Frequency
Figure 4. Gain versus RF Frequency
f = 0.5 GHz
Zo = 50 Ω
0.9
1.2
1.2
0.9
ZLO
ZRF
f = 0.5 GHz
0.1
ZIF
0
0.7
f = 0.25 GHz
V
f
ΓIF
ΓRF
ΓLO
VCC
(Volts)
f
(MHz)
Mag
∠φ
Degrees
Mag
∠φ
Degrees
Mag
∠φ
Degrees
3.0
50
0.83
– 2.4
—
—
—
—
100
0.82
– 4.7
—
—
—
—
150
0.82
– 7.1
—
—
—
—
200
0.81
– 9.6
—
—
—
—
250
0.81
–11.7
—
—
—
—
500
—
—
0.42
100
0.57
–29
600
—
—
0.41
94
0.55
–35
700
—
—
0.40
88
0.54
–41
800
—
—
0.39
80
0.52
–48
900
—
—
0.36
71
0.51
–54
1000
—
—
0.33
63
0.50
–60
1100
—
—
0.31
55
0.49
–65
1200
—
—
0.28
45
0.49
–70
Table 1. Deembedded Port Reflection Coefficients
(Enable = 3.0 V, Zo = 50 Ω, TA = 25°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com