Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC2002 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRFIC2002
Description  900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2002 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC2002 Datasheet HTML 1Page - Motorola, Inc MRFIC2002 Datasheet HTML 2Page - Motorola, Inc MRFIC2002 Datasheet HTML 3Page - Motorola, Inc MRFIC2002 Datasheet HTML 4Page - Motorola, Inc MRFIC2002 Datasheet HTML 5Page - Motorola, Inc MRFIC2002 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRFIC2002
2
MOTOROLA RF DEVICE DATA
RECOMMENDED OPERATING RANGES
Parameter
Symbol
Value
Unit
Supply Voltage Range
VCC
2.7 to 5.0
Vdc
Control Voltage Ranges
ENABLE, VRAMP
0 to 5.0
Vdc
RF Port Frequency Range
fRF
500 to 1000
MHz
IF Port Frequency Range
fIF
0 (dc) to 250
MHz
ELECTRICAL CHARACTERISTICS (VCC, Enable = 3.0 V and VRamp(1) Open Circuited, PLO = – 7.0 dBm, IF @ 100 MHz, LO @ 1.0
GHz, RF @ 900 MHz, TA = 25°C unless otherwise noted)
Characteristic (2)
Min
Typ
Max
Unit
Supply Current: On-Mode
Supply Current: Off-Mode (Enable < 1.0 V)
—
—
5.5
0.1
7.0
2.0
mA
µA
Enable Response Time
—
1.0
—
µs
Conversion Gain
8.0
10
12
dB
Single Sideband Noise Figure
—
10
—
dB
Output Power at 1.0 dB Gain Compression
—
–18
—
dBm
Output Power at Saturation
–16
–14
—
dBm
LO-RF Isolation (1.0 GHz)
—
25
—
dB
LO-IF Isolation (1.0 GHz)
—
65
—
dB
IF-RF Isolation (100 MHz)
—
18
—
dB
IF-LO Isolation (100 MHz)
—
50
—
dB
NOTES:
1. For CT2 applications, apply ramp voltage provided in MRFIC2004. For non-CT2, leave open circuited.
2. All Electrical Characteristics are measured in test circuit schematic as shown in Figure 1.
1
2
3
4
8
7
6
5
IF IN
50
Ω
LO IN
50
Ω
RF OUT
50
Ω
C1
L1
L2
C4
L3
C2
C3
C6
C5
C7
+
–
+
–
+
–VCC
ENABLE
VRAMP*
D.U.T.
Figure 1. Test Circuit
Configuration
C1, C3, C6 — 1000 pF Chip Capacitor
C2 — 6.8 pF Chip Capacitor
C4 — 3.9 pF Chip Capacitor
C5 — 100 pF Chip Capacitor
C7 — 5.6 pF Chip Capacitor
L1 — 270 nH Chip Inductor
L2 — 10 nH Chip Inductor
L3 — 390 nH Chip Inductor
RF Connectors — SMA Type
Board Material — Glass/Epoxy
εr = 4.5,
Dielectric Thickness = 0.014
″ (0.36 mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com