Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVRADDDA Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8358ECVRADDDA
Description  MPC8360E/MPC8358E PowerQUICC II Pro Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358ECVRADDDA Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8358ECVRADDDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
62
Freescale Semiconductor
USB DC Electrical Characteristics
19
USB
This section provides the AC and DC electrical specifications for the USB interface of the MPC8360E/58E.
19.1
USB DC Electrical Characteristics
This table provides the DC electrical characteristics for the USB interface.
19.2
USB AC Electrical Specifications
This table describes the general timing parameters of the USB interface of the device.
This figure provide the AC test load for the USB.
Figure 52. USB AC Test Load
Table 64. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
High-level output voltage, IOH = –100 μAVOH
OVDD – 0.4
—
V
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
Input current
IIN
—±10
μA
Table 65. USB General Timing Parameters
Parameter
Symbol1
Min
Max
Unit
Notes
Note
USB clock cycle time
tUSCK
20.83
—
ns
Full speed 48 MHz
—
USB clock cycle time
tUSCK
166.67
—
ns
Low speed 6 MHz
—
Skew between TXP and TXN
tUSTSPN
—5
ns
—
2
Skew among RXP, RXN, and RXD
tUSRSPND
—
10
ns
Full speed transitions
2
Skew among RXP, RXN, and RXD
tUSRPND
—
100
ns
Low speed transitions
2
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(state)(signal) for
receive signals and t(first two letters of functional block)(state)(signal) for transmit signals. For example, tUSRSPND
symbolizes USB timing (US) for the USB receive signals skew (RS) among RXP, RXN, and RXD (PND). Also,
tUSTSPN symbolizes USB timing (US) for the USB transmit signals skew (TS) between TXP and TXN (PN).
2. Skew measurements are done at OVDD/2 of the rising or falling edge of the signals.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com