Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVRADDDA Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8358ECVRADDDA
Description  MPC8360E/MPC8358E PowerQUICC II Pro Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358ECVRADDDA Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8358ECVRADDDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
12
Freescale Semiconductor
Power Sequencing
2.2.1
Power-Up Sequencing
MPC8360E/58E does not require the core supply voltage (VDD and AVDD) and I/O supply voltages (GVDD, LVDD, and OVDD)
to be applied in any particular order. During the power ramp up, before the power supplies are stable and if the I/O voltages are
supplied before the core voltage, there may be a period of time that all input and output pins are actively be driven and cause
contention and excessive current from 3A to 5A. In order to avoid actively driving the I/O pins and to eliminate excessive current
draw, apply the core voltage (VDD) before the I/O voltage (GVDD, LVDD, and OVDD) and assert PORESET before the power
supplies fully ramp up. In the case where the core voltage is applied first, the core voltage supply must rise to 90% of its nominal
value before the I/O supplies reach 0.7 V, see this figure.
Figure 5. Power Sequencing Example
I/O voltage supplies (GVDD, LVDD, and OVDD) do not have any ordering requirements with respect to one another.
2.2.2
Power-Down Sequencing
The MPC8360E/58E does not require the core supply voltage and I/O supply voltages to be powered down in any particular
order.
3
Power Characteristics
The estimated typical power dissipation values are shown in these tables.
Table 4. MPC8360E TBGA Core Power Dissipation1
Core
Frequency (MHz)
CSB
Frequency (MHz)
QUICC Engine
Frequency (MHz)
Typical
Maximum
Unit
Notes
266
266
500
5.0
5.6
W
2, 3, 5
400
266
400
4.5
5.0
W
2, 3, 4
533
266
400
4.8
5.3
W
2, 3, 4
667
333
400
5.8
6.3
W
3, 6, 7, 8
500
333
500
5.9
6.4
W
3, 6, 7, 8
I/O Voltage (GVDD, LVDD, OVDD)
Core Voltage (VDD, AVDD)
90%
0.7 V
Time
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com