Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVRADDDA Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC8358ECVRADDDA
Description  MPC8360E/MPC8358E PowerQUICC II Pro Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358ECVRADDDA Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC8358ECVRADDDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
89
Suggested PLL Configurations
The QUICC Engine block VCO frequency is derived from the following equations:
ce_clk = (primary clock input × CEPMF)
÷ (1 + CEPDF)
QE VCO Frequency = ce_clk × VCO divider × (1 + CEPDF)
21.4
Suggested PLL Configurations
To simplify the PLL configurations, the device might be separated into two clock domains. The first domain contains the CSB
PLL and the core PLL. The core PLL is connected serially to the CSB PLL, and has the csb_clk as its input clock. The second
clock domain has the QUICC Engine block PLL. The clock domains are independent, and each of their PLLs are configured
separately. Both of the domains has one common input clock. This table shows suggested PLL configurations for 33 and
66 MHz input clocks and illustrates each of the clock domains separately. Any combination of clock domains setting with same
input clock are valid. Refer to Section 21, “Clocking,” for the appropriate operating frequencies for your device.
Table 76. Suggested PLL Configurations
Conf
No.1
SPMF
CORE
PLL
CEPMF
CEPDF
Input
Clock Freq
(MHz)
CSB Freq
(MHz)
Core Freq
(MHz)
QUICC
Engine
Freq (MHz)
400
(MHz)
533
(MHz)
667
(MHz)
33 MHz CLKIN/PCI_SYNC_IN Options
s1
0100
0000100
æ
æ
33
133
266
—
∞∞
∞
s2
0100
0000101
æ
æ
33
133
333
—
∞∞
∞
s3
0101
0000100
æ
æ
33
166
333
—
∞∞
∞
s4
0101
0000101
æ
æ
33
166
416
—
—
∞∞
s5
0110
0000100
æ
æ
33
200
400
—
∞∞
∞
s6
0110
0000110
æ
æ
33
200
600
—
—
—
∞
s7
0111
0000011
æ
æ
33
233
350
—
∞∞
∞
s8
0111
0000100
æ
æ
33
233
466
—
—
∞∞
s9
0111
0000101
æ
æ
33
233
583
—
—
—
∞
s10
1000
0000011
æ
æ
33
266
400
—
∞∞
∞
s11
1000
0000100
æ
æ
33
266
533
—
—
∞∞
s12
1000
0000101
æ
æ
33
266
667
—
—
—
∞
s13
1001
0000010
æ
æ
33
300
300
—
∞∞
∞
s14
1001
0000011
æ
æ
33
300
450
—
—
∞∞
s15
1001
0000100
æ
æ
33
300
600
—
—
—
∞
s16
1010
0000010
æ
æ
33
333
333
—
∞∞
∞
s17
1010
0000011
æ
æ
33
333
500
—
—
∞∞
s18
1010
0000100
æ
æ
33
333
667
—
—
—
∞
c1
æ
æ
01001
0
33
—
—
300
∞∞
∞
c2
æ
æ
01100
0
33
—
—
400
∞∞
∞
c3
æ
æ
01110
0
33
—
—
466
—
∞∞
c4
æ
æ
01111
0
33
—
—
500
—
∞∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com