Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVRADDDA Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MPC8358ECVRADDDA
Description  MPC8360E/MPC8358E PowerQUICC II Pro Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358ECVRADDDA Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPC8358ECVRADDDA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
91
Thermal Characteristics
Example 1. Sample Table Use
•
Example A. To configure the device with CSB clock rate of 266 MHz, core rate of 400 MHz, and QUICC Engine
clock rate 300 MHz while the input clock rate is 33 MHz. Conf No. ‘s10’ and ‘c1’ are selected from Table 76. SPMF
is 1000, CORPLL is 0000011, CEPMF is 01001, and CEPDF is 0.
•
Example B. To configure the device with CSBCSB clock rate of 266 MHz, core rate of 533 MHz and QUICC Engine
clock rate 400 MHz while the input clock rate is 66 MHz. Conf No. ‘s5h’ and ‘c2h’ are selected from Table 76. SPMF
is 0100, CORPLL is 0000100, CEPMF is 00110, and CEPDF is 0.
22
Thermal
This section describes the thermal specifications of the MPC8360E/58E.
22.1
Thermal Characteristics
This table provides the package thermal characteristics for the 37.5 mm × 37.5 mm 740-TBGA package.
Index
SPMF
CORE
PLL
CEPMF CEPDF
Input Clock
(MHz)
CSB Freq
(MHz)
Core Freq
(MHz)
QUICC
Engine Freq
(MHz)
400
(MHz)
533
(MHz)
667
(MHz)
A
1000
0000011
01001
0
33
266
400
300
∞∞
∞
B
0100
0000100
00110
0
66
266
533
400
∞∞
∞
Table 77. Package Thermal Characteristics for the TBGA Package
Characteristic
Symbol
Value
Unit
Notes
Junction-to-ambient natural convection on single-layer board (1s)
RθJA
15
° C/W
1, 2
Junction-to-ambient natural convection on four-layer board (2s2p)
RθJA
11
° C/W
1, 3
Junction-to-ambient (@1 m/s) on single-layer board (1s)
RθJMA
10
° C/W
1, 3
Junction-to-ambient (@ 1 m/s) on four-layer board (2s2p)
RθJMA
8
° C/W
1, 3
Junction-to-ambient (@ 2 m/s) on single-layer board (1s)
RθJMA
9
° C/W
1, 3
Junction-to-ambient (@ 2 m/s) on four-layer board (2s2p)
RθJMA
7
° C/W
1, 3
Junction-to-board thermal
RθJB
4.5
° C/W
4
Junction-to-case thermal
RθJC
1.1
° C/W
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com