Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRW3003 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRW3003
Description  MICROWAVE POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRW3003 Datasheet(HTML) 4 Page - Motorola, Inc

  MRW3003 Datasheet HTML 1Page - Motorola, Inc MRW3003 Datasheet HTML 2Page - Motorola, Inc MRW3003 Datasheet HTML 3Page - Motorola, Inc MRW3003 Datasheet HTML 4Page - Motorola, Inc MRW3003 Datasheet HTML 5Page - Motorola, Inc MRW3003 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRW3001 MRW3003 MRW3005
2–4
MOTOROLA RF DEVICE DATA
MRW3005
TYPICAL CHARACTERISTICS
10
8
6
4
2
0
0.2
2 GHz
1.5 GHz
0.6
1
1.4
1.8
2.2
2.6
f = 3 GHz
2.3 GHz
14
1
f, FREQUENCY (GHz)
1.5
2
2.5
3
3.5
60
40
20
ηc @ 5 W
Po(sat)
12
10
8
6
4
3
2.3
f = 1.5 GHz
2
3
2.3
0.4
0.6 0.8 1.0
1.5
2
3 4 5
10
0.2
2
f = 1.5 GHz
Zo = 50 Ω
ZOL*
Zin
Psat, SATURATED OUTPUT POWER (WATTS)
Figure 7. Output Power versus Input Power
Figure 8. Psat and η versus Frequency
Figure 9. Series Equivalent Input/Output Impedance
The graph shown displays MTTF in hours x ampere2 emitter current
for each of the 3.0 GHz devices. Life tests at elevated temperatures
have correlated to better than
±10% to the theoretical prediction for
metal failure. CAUTION — A calculation is required to obtain actual
metal life. Sample MTTF calculations based on operating conditions
are shown below.
Junction Temperature —
°C
To calculate metal lifetime under any set of conditions, obtain actual
data or estimate from typical performance curves. Solve for TJ (°C):
Pout x 100
hc %
(1) TJ = θJF
MTTF Factor
(Normalized to 1.0 ampere2 Continuous Duty)
+ Pin – Pout + TFLANGE
Enter graph of MTF factor versus TJ. Obtain MTF factor. Calculate
metal life by:
(2) Metal Life in Hours =
MTF Factor
IC2 (Amps)
10,000,000
1,000,000
100,000
10,000
1,000
100
230
210
190
170
150
130
110
90
TJ, JUNCTION TEMPERATURE (°C)
MRW3005
MRW3003
MRW3001
Figure 10. MTTF Factor versus
Junction Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com