Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRW3003 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRW3003
Description  MICROWAVE POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRW3003 Datasheet(HTML) 3 Page - Motorola, Inc

  MRW3003 Datasheet HTML 1Page - Motorola, Inc MRW3003 Datasheet HTML 2Page - Motorola, Inc MRW3003 Datasheet HTML 3Page - Motorola, Inc MRW3003 Datasheet HTML 4Page - Motorola, Inc MRW3003 Datasheet HTML 5Page - Motorola, Inc MRW3003 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2–3
MRW3001 MRW3003 MRW3005
MOTOROLA RF DEVICE DATA
MRW3003
TYPICAL CHARACTERISTICS
5
4
3
2
1
0
Pin, INPUT POWER (WATTS)
0
0.1
2 GHz
3 GHz
f = 1.5 GHz
2.3 GHz
0.2
0.3
0.4
0.5
0.6
8
1
f, FREQUENCY (GHz)
1.5
2
2.5
3
3.5
80
60
40
20
ηc @ 3 W
Po(sat)
6
4
2
0
3
2.3
2
f = 1.5 GHz
2.3
0.4
0.6 0.8 1.0
1.5
2
3 4 5
10
0.2
2
f = 1.5 GHz
3
Zo = 50 Ω
ZOL*
Zin
Figure 4. Output Power versus Input Power
Figure 5. Psat and η versus Frequency
Figure 6. Series Equivalent Input/Output Impedance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com