Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRW3003 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRW3003
Description  MICROWAVE POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRW3003 Datasheet(HTML) 2 Page - Motorola, Inc

  MRW3003 Datasheet HTML 1Page - Motorola, Inc MRW3003 Datasheet HTML 2Page - Motorola, Inc MRW3003 Datasheet HTML 3Page - Motorola, Inc MRW3003 Datasheet HTML 4Page - Motorola, Inc MRW3003 Datasheet HTML 5Page - Motorola, Inc MRW3003 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRW3001 MRW3003 MRW3005
2–2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Output Capacitance
MRW3001
(VCB = 28 V, IE = 0, f = 1.0 MHz)
MRW3003
MRW3005
Cob
—
—
—
3.5
5.7
8.4
4.0
7.0
10
pF
FUNCTIONAL TESTS
Common–Base Amplifier Power Gain
(VCE = 28 V, Pout = 1.0 W, f = 3.0 GHz)
MRW3001
(VCE = 28 V, Pout = 3.0 W, f = 3.0 GHz)
MRW3003
(VCE = 28 V, Pout = 5.0 W, f = 3.0 GHz)
MRW3005
GPB
7.0
6.0
5.0
—
—
—
—
—
—
dB
Collector Efficiency
(VCE = 28 V, Pout = 1.0 W, f = 3.0 GHz)
MRW3001
(VCE = 28 V, Pout = 3.0 W, f = 3.0 GHz)
MRW3003
(VCE = 28 V, Pout = 5.0 W, f = 3.0 GHz)
MRW3005
ηc
30
30
30
—
—
—
—
—
—
%
Load Mismatch
(VCE = 28 V, f = 3.0 GHz, Load VSWR = ∞:1, All Phase Angles)
Pout = 1.0 W
MRW3001
Pout = 3.0 W
MRW3003
Pout = 5.0 W
MRW3005
ψ
No Degradation in Output Power
Figure 1. Output Power versus Input Power
MRW3001
TYPICAL CHARACTERISTICS
2.5
2
1.5
1
0.5
0
Pin, INPUT POWER (WATTS)
0
0.05
0.1
0.15
0.2
0.25
0.3
2 GHz
3 GHz
f = 1.5 GHz
2.3 GHz
2.5
2
1.5
1
0.5
0
1
f, FREQUENCY (GHz)
1.5
2
2.5
3
3.5
60
50
40
30
20
ηc @ 1 W
Po(sat)
0.4
0.6 0.8 1.0
1.5
2
3 4 5
10
0.2
3
2.3
2
f = 1.5 GHz
3
2.3
2
f = 1.5 GHz
Zo = 50 Ω
ZOL*
Zin
Figure 2. Psat and η versus Frequency
Figure 3. Series Equivalent Input/Output Impedance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com