Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRW3003 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRW3003
Description  MICROWAVE POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRW3003 Datasheet(HTML) 1 Page - Motorola, Inc

  MRW3003 Datasheet HTML 1Page - Motorola, Inc MRW3003 Datasheet HTML 2Page - Motorola, Inc MRW3003 Datasheet HTML 3Page - Motorola, Inc MRW3003 Datasheet HTML 4Page - Motorola, Inc MRW3003 Datasheet HTML 5Page - Motorola, Inc MRW3003 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2–1
MRW3001 MRW3003 MRW3005
MOTOROLA RF DEVICE DATA
The RF Line
Microwave Power Transistors
. . . designed primarily for large–signal output and driver amplifier stages in the
1.5 to 3.0 GHz frequency range.
• Designed for Class B or C, Common Base Linear Power Amplifiers
• Specified 28 Volt, 3.0 GHz Characteristics:
Output Power — 1.0 to 5.0 Watts
Power Gain — 5.0 to 7.0 dB Min
Collector Efficiency — 30% Min
• Gold Metallization for Improved Reliability
• Diffused Ballast Resistors
• Circuit board photomaster available upon request by contacting
RF Tactical Marketing in Phoenix, AZ.
MAXIMUM RATINGS
Rating
Symbol
3001
3003
3005
Unit
Collector–Base Voltage
VCBO
45
Vdc
Emitter–Base Voltage
VEBO
3.5
Vdc
Operating Junction Temperature
TJ
200
°C
Storage Temperature Range
Tstg
– 65 to + 200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, RF,
Junction to Case
R
θJC
35
17
8.5
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 10 mA, VBE = 0)
MRW3001
(IC = 30 mA, VBE = 0)
MRW3003
(IC = 50 mA, VBE = 0)
MRW3005
V(BR)CES
50
50
50
—
—
—
—
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 1.0 mA, IE = 0)
MRW3001
(IC = 3.0 mA, IE = 0)
MRW3003
(IC = 5.0 mA, IE = 0)
MRW3005
V(BR)CBO
45
45
45
—
—
—
—
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 1.0 mA, IC = 0)
V(BR)EBO
3.5
—
—
Vdc
Collector Cutoff Current
MRW3001
(VCB = 28 V, IE = 0)
MRW3003
MRW3005
ICBO
—
—
—
—
—
—
0.5
0.75
1.25
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mA, VCE = 5.0 V)
MRW3001
(IC = 300 mA, VCE = 5.0 V)
MRW3003
(IC = 500 mA, VCE = 5.0 V)
MRW3005
hFE
10
10
10
—
—
—
120
120
120
—
(continued)
Order this document
by MRW3001/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRW3001
MRW3003
MRW3005
5.0 – 7.0 dB
1.5 – 3.0 GHz
1.0 – 5.0 WATTS
MICROWAVE
POWER TRANSISTORS
CASE 328A–03, STYLE 1
(GP–13)
MRW3001, 3003, 3005
© Motorola, Inc. 1994
© Motorola, Inc. 1994
REV 6


Similar Part No. - MRW3003

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MRW TDK-MRW Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
MRW-130 TDK-MRW-130 Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
MRW-135 TDK-MRW-135 Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
MRW-140 TDK-MRW-140 Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
MRW-150 TDK-MRW-150 Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
More results

Similar Description - MRW3003

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1002MA MOTOROLA-MRF1002MA Datasheet
109Kb / 6P
MICROWAVE POWER TRANSISTORS
MRF1015MA MOTOROLA-MRF1015MA Datasheet
110Kb / 4P
MICROWAVE POWER TRANSISTORS
MRF1035MB MOTOROLA-MRF1035MB Datasheet
100Kb / 4P
MICROWAVE POWER TRANSISTORS
MRF10500 MOTOROLA-MRF10500 Datasheet
104Kb / 4P
MICROWAVE POWER TRANSISTORS
MRF1090MA MOTOROLA-MRF1090MA Datasheet
104Kb / 6P
MICROWAVE POWER TRANSISTORS
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
MICROWAVE POWER TRANSISTORS
MRW2001 MOTOROLA-MRW2001 Datasheet
102Kb / 6P
MICROWAVE POWER TRANSISTORS
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
NPN microwave power transistors
1997 Feb 18
logo
Tyco Electronics
MRF3104 MACOM-MRF3104 Datasheet
93Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com