Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341104E/ST Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP4341104E/ST
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341104E/ST Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP4341104E/ST Datasheet HTML 42Page - Microchip Technology MCP4341104E/ST Datasheet HTML 43Page - Microchip Technology MCP4341104E/ST Datasheet HTML 44Page - Microchip Technology MCP4341104E/ST Datasheet HTML 45Page - Microchip Technology MCP4341104E/ST Datasheet HTML 46Page - Microchip Technology MCP4341104E/ST Datasheet HTML 47Page - Microchip Technology MCP4341104E/ST Datasheet HTML 48Page - Microchip Technology MCP4341104E/ST Datasheet HTML 49Page - Microchip Technology MCP4341104E/ST Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
MCP434X/436X
DS22233A-page 46
© 2009 Microchip Technology Inc.
FIGURE 6-4:
8-Bit Commands (Increment, Decrement, Modify Write Protect or WiperLock
Technology) - SPI Waveform with PIC MCU (Mode 1,1).
FIGURE 6-5:
8-Bit Commands (Increment, Decrement, Modify Write Protect or WiperLock
Technology) - SPI Waveform with PIC MCU (Mode 0,0).
bit7
bit0
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
CS
SCK
Write to
SSPBUF
SDI
Input
Sample
SDO
VIH
VIL
AD3
AD2
AD1
AD0
C0
C1
X
X
“1” = Valid Command
“0” = Invalid Command
CMDERR bit
VIHH
SCK
Input
Sample
SDI
bit7
bit0
SDO
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Write to
SSPBUF
CS
VIH
VIL
AD3
AD2
AD1
AD0
C0
C1
X
X
“1” = Valid Command
“0” = Invalid Command
CMDERR bit
VIHH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com