Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341104E/ST Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP4341104E/ST
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341104E/ST Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP4341104E/ST Datasheet HTML 59Page - Microchip Technology MCP4341104E/ST Datasheet HTML 60Page - Microchip Technology MCP4341104E/ST Datasheet HTML 61Page - Microchip Technology MCP4341104E/ST Datasheet HTML 62Page - Microchip Technology MCP4341104E/ST Datasheet HTML 63Page - Microchip Technology MCP4341104E/ST Datasheet HTML 64Page - Microchip Technology MCP4341104E/ST Datasheet HTML 65Page - Microchip Technology MCP4341104E/ST Datasheet HTML 66Page - Microchip Technology MCP4341104E/ST Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
© 2009 Microchip Technology Inc.
DS22233A-page 63
MCP434X/436X
8.4
Design Considerations
In the design of a system with the MCP43XX devices,
the following considerations should be taken into
account:
• Power Supply Considerations
• Layout Considerations
8.4.1
POWER SUPPLY
CONSIDERATIONS
The typical application will require a bypass capacitor
in order to filter high-frequency noise, which can be
induced onto the power supply's traces. The bypass
capacitor helps to minimize the effect of these noise
sources on signal integrity. Figure 8-6 illustrates an
appropriate bypass strategy.
In this example, the recommended bypass capacitor
value is 0.1 µF. This capacitor should be placed as
close (within 4 mm) to the device power pin (VDD) as
possible.
The power source supplying these devices should be
as clean as possible. If the application circuit has
separate digital and analog power supplies, VDD and
VSS should reside on the analog plane.
FIGURE 8-6:
Typical Microcontroller
Connections.
8.4.2
LAYOUT CONSIDERATIONS
Several layout considerations may be applicable to
your application. These may include:
• Noise
• Footprint Compatibility
• PCB Area Requirements
8.4.2.1
Noise
Inductively-coupled AC transients and digital switching
noise can degrade the input and output signal integrity,
potentially masking the MCP43XX’s performance.
Careful board layout minimizes these effects and
increases the Signal-to-Noise Ratio (SNR). Multi-layer
boards utilizing a low-inductance ground plane,
isolated inputs, isolated outputs and proper decoupling
are critical to achieving the performance that the silicon
is
capable
of
providing.
Particularly
harsh
environments may require shielding of critical signals.
If low noise is desired, breadboards and wire-wrapped
boards are not recommended.
8.4.2.2
Footprint Compatibility
The specification of the MCP43XX pinouts was done to
allow systems to be designed to easily support the use
of either the dual (MCP42XX) or quad (MCP43XX)
device.
Figure 8-7 shows how the dual pinout devices fit on the
quad device footprint. For the Rheostat devices, the
dual device is in the MSOP package, so the footprints
would need to be offset from each other.
FIGURE 8-7:
Quad Pinout (TSSOP
Package) vs. Dual Pinout.
VDD
VDD
VSS
VSS
0.1 µF
0.1 µF
U/D
CS
W
B
A
1
2
3
4
17
18
19
20
RESET
SDO
WP
VDD
MCP43X1 Quad Potentiometers
TSSOP
5
6
7
14
15
16
P0W
P0B
P0A
P1A
P1W
P1B
VSS
CS
SDI
SCK
MCP43X2 Quad Rheostat
1
2
3
4
11
12
13
14
P0B
SDO
P0W
VDD
TSSOP
5
6
7
8
9
10
P2W
P1W
P2B
P3B
P3W
P1B
VSS
CS
SDI
SCK
8
9
10
P3B
P3W
P3A
12
12
P2W
P2A
P2B
11
MCP42X1 Pinout (1)
MCP42X2 Pinout
Note 1: Pin 15 (RESET) is the Shutdown (SHDN)
pin on the MCP42x1 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com