Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341104E/ST Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP4341104E/ST
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341104E/ST Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP4341104E/ST Datasheet HTML 72Page - Microchip Technology MCP4341104E/ST Datasheet HTML 73Page - Microchip Technology MCP4341104E/ST Datasheet HTML 74Page - Microchip Technology MCP4341104E/ST Datasheet HTML 75Page - Microchip Technology MCP4341104E/ST Datasheet HTML 76Page - Microchip Technology MCP4341104E/ST Datasheet HTML 77Page - Microchip Technology MCP4341104E/ST Datasheet HTML 78Page - Microchip Technology MCP4341104E/ST Datasheet HTML 79Page - Microchip Technology MCP4341104E/ST Datasheet HTML 80Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
© 2009 Microchip Technology Inc.
DS22233A-page 77
MCP434X/436X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
-XXX
Resistance
Package
Temperature
Range
Device
Device
MCP4341:
Quad Non-Volatile 7-bit Potentiometer
MCP4341T:
Quad Non-Volatile 7-bit Potentiometer
(Tape and Reel)
MCP4342:
Quad Non-Volatile 7-bit Rheostat
MCP4342T:
Quad Non-Volatile 7-bit Rheostat
(Tape and Reel)
MCP4361:
Quad Non-Volatile 8-bit Potentiometer
MCP4361T:
Quad Non-Volatile 8-bit Potentiometer
(Tape and Reel)
MCP4362:
Quad Non-Volatile 8-bit Rheostat
MCP4362T:
Quad Non-Volatile 8-bit Rheostat
(Tape and Reel)
Resistance Version:
502
= 5 k
Ω
103
= 10 k
Ω
503
= 50 k
Ω
104
= 100 k
Ω
Temperature Range
E
=
-40
°C to +125°C (Extended)
Package
ST
= Plastic Thin Shrink Small Outline (TSSOP),
14/20-lead
ML = Plastic Quad Flat No-lead (4x4 QFN), 20-lead
Examples:
a)
MCP4341-502E/XX:
5 k
Ω, 20-LD Device
b)
MCP4341T-502E/XX: T/R, 5 k
Ω, 20-LD Device
c)
MCP4341-103E/XX:
10 k
Ω, 20-LD Device
d)
MCP4341T-103E/XX: T/R, 10 k
Ω, 20-LD Device
e)
MCP4341-503E/XX:
50 k
Ω, 20-LD Device
f)
MCP4341T-503E/XX: T/R, 50 k
Ω, 20-LD Device
g)
MCP4341-104E/XX:
100 k
Ω, 20-LD Device
h)
MCP4341T-104E/XX: T/R, 100 k
Ω,
20-LD Device
a)
MCP4342-502E/XX:
5 k
Ω, 14-LD Device
b)
MCP4342T-502E/XX: T/R, 5 k
Ω, 14-LD Device
c)
MCP4342-103E/XX:
10 k
Ω, 14-LD Device
d)
MCP4342T-103E/XX: T/R, 10 k
Ω, 14-LD Device
e)
MCP4342-503E/XX:
50 k
Ω, 8LD Device
f)
MCP4342T-503E/XX: T/R, 50 k
Ω, 14-LD Device
g)
MCP4342-104E/XX:
100 k
Ω, 14-LD Device
h)
MCP4342T-104E/XX: T/R, 100 k
Ω,
14-LD Device
a)
MCP4361-502E/XX:
5 k
Ω, 20-LD Device
b)
MCP4361T-502E/XX: T/R, 5 k
Ω, 20-LD Device
c)
MCP4361-103E/XX:
10 k
Ω, 20-LD Device
d)
MCP4361T-103E/XX: T/R, 10 k
Ω, 20-LD Device
e)
MCP4361-503E/XX:
50 k
Ω, 20-LD Device
f)
MCP4361T-503E/XX: T/R, 50 k
Ω, 20-LD Device
g)
MCP4361-104E/XX:
100 k
Ω, 20-LD Device
h)
MCP4361T-104E/XX: T/R, 100 k
Ω,
20-LD Device
a)
MCP4362-502E/XX:
5 k
Ω, 14-LD Device
b)
MCP4362T-502E/XX: T/R, 5 k
Ω, 14-LD Device
c)
MCP4362-103E/XX:
10 k
Ω, 14-LD Device
d)
MCP4362T-103E/XX: T/R, 10 k
Ω, 14-LD Device
e)
MCP4362-503E/XX:
50 k
Ω, 14-LD Device
f)
MCP4362T-503E/XX: T/R, 50 k
Ω, 14-LD Device
g)
MCP4362-104E/XX:
100 k
Ω, 14-LD Device
h)
MCP4362T-104E/XX: T/R, 100 k
Ω,
14-LD Device
XX
= ST for 14/20-lead TSSOP
= ML for 20-lead QFN
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com