Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341104E/ST Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP4341104E/ST
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341104E/ST Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP4341104E/ST Datasheet HTML 47Page - Microchip Technology MCP4341104E/ST Datasheet HTML 48Page - Microchip Technology MCP4341104E/ST Datasheet HTML 49Page - Microchip Technology MCP4341104E/ST Datasheet HTML 50Page - Microchip Technology MCP4341104E/ST Datasheet HTML 51Page - Microchip Technology MCP4341104E/ST Datasheet HTML 52Page - Microchip Technology MCP4341104E/ST Datasheet HTML 53Page - Microchip Technology MCP4341104E/ST Datasheet HTML 54Page - Microchip Technology MCP4341104E/ST Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
© 2009 Microchip Technology Inc.
DS22233A-page 51
MCP434X/436X
TABLE 7-3:
COMMANDS
Command Name
# of
Bits
Writes
Value in
EEPROM
Operates on
Volatile/
Non-Volatile
memory
High
Voltage
(VIHH) on
CS pin?
Impact on
WiperLock or
Write Protect
Works
when
Wiper is
“locked”?
Write Data
16-Bits
Yes (1)
Both
—
unlocked (1)
No
Read Data
16-Bits
—
Both
—
unlocked (1)
No
Increment Wiper
8-Bits
—
Volatile Only
—
unlocked (1)
No
Decrement Wiper
8-Bits
—
Volatile Only
—
unlocked (1)
No
High Voltage Write Data
16-Bits
Yes
Both
Yes
unchanged
No
High Voltage Read Data
16-Bits
—
Both
Yes
unchanged
Yes
High Voltage Increment Wiper
8-Bits
—
Volatile Only
Yes
unchanged
No
High Voltage Decrement Wiper
8-Bits
—
Volatile Only
Yes
unchanged
No
Modify Write Protect or Wiper-
Lock Technology (High Voltage) -
Enable
8-Bits
— (2)
Non-Volatile
Only (2)
Yes
locked/
protected (2)
Yes
Modify Write Protect or Wiper-
Lock Technology (High Voltage) -
Disable
8-Bits
— (3)
Non-Volatile
Only (3)
Yes
unlocked/
unprotected (3)
Yes
Note 1: This command will only complete if wiper is “unlocked” (WiperLock Technology is Disabled).
2: If the command is executed using address 02h, 03h, 08h, or 09h then that corresponding wiper is locked or
if with address 0Fh, then Write Protect is enabled.
3: If the command is executed using with address 02h, 03h, 08h, or 09h, then that corresponding wiper is
unlocked or if with address 0Fh, then Write Protect is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com