Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1220TE/SOSQTP Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC18F1220TE/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SOSQTP Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC18F1220TE/SOSQTP Datasheet HTML 31Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 32Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 33Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 34Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 35Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 36Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 37Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 38Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 33
PIC18F1220/1320
4.0
RESET
The PIC18F1220/1320 devices differentiate between
various kinds of Reset:
a)
Power-on Reset (POR)
b)
MCLR Reset during normal operation
c)
MCLR Reset during Sleep
d)
Watchdog Timer (WDT) Reset (during
execution)
e)
Programmable Brown-out Reset (BOR)
f)
RESET
Instruction
g)
Stack Full Reset
h)
Stack Underflow Reset
Most registers are unaffected by a Reset. Their status
is unknown on POR and unchanged by all other
Resets. The other registers are forced to a “Reset
state”, depending on the type of Reset that occurred.
Most registers are not affected by a WDT wake-up,
since this is viewed as the resumption of normal
operation.
Status
bits
from
the
RCON
register
(Register 4-1), RI, TO, PD, POR and BOR, are set or
cleared differently in different Reset situations, as
indicated in Table 4-2. These bits are used in software
to determine the nature of the Reset. See Table 4-3 for
a full description of the Reset states of all registers.
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 4-1.
The Enhanced MCU devices have a MCLR noise filter
in the MCLR Reset path. The filter will detect and
ignore small pulses.
The MCLR pin is not driven low by any internal Resets,
including the WDT.
The MCLR input provided by the MCLR pin can be
disabled
with
the
MCLRE
bit
in
Configuration
Register 3H (CONFIG3H<7>).
FIGURE 4-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External Reset
MCLR
VDD
OSC1
WDT
Time-out
VDD Rise
Detect
OST/PWRT
INTRC(1)
POR Pulse
OST
10-bit Ripple Counter
PWRT
Chip_Reset
11-bit Ripple Counter
Enable OST(2)
Enable PWRT
Note
1: This is a separate oscillator from the RC oscillator of the CLKI pin.
2: See Table 4-1 for time-out situations.
Brown-out
Reset
BOR
RESET
Instruction
Stack
Pointer
Stack Full/Underflow Reset
Sleep
( )_IDLE
1024 Cycles
65.5 ms
32
μs
MCLRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com