Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1220TE/SOSQTP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC18F1220TE/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SOSQTP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC18F1220TE/SOSQTP Datasheet HTML 48Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 49Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 50Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 51Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 52Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 53Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 55Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 308 page
background image
PIC18F1220/1320
DS39605F-page 50
© 2007 Microchip Technology Inc.
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F1220/1320)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
36, 42
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
36, 42
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
36, 42
STKPTR
STKFUL
STKUNF
—
Return Stack Pointer
00-0 0000
36, 43
PCLATU
—
—bit 21(3)
Holding Register for PC<20:16>
---0 0000
36, 44
PCLATH
Holding Register for PC<15:8>
0000 0000
36, 44
PCL
PC Low Byte (PC<7:0>)
0000 0000
36, 44
TBLPTRU
—
—
bit 21
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
36, 60
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
36, 60
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
36, 60
TABLAT
Program Memory Table Latch
0000 0000
36, 60
PRODH
Product Register High Byte
xxxx xxxx
36, 71
PRODL
Product Register Low Byte
xxxx xxxx
36, 71
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
36, 75
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
36, 76
INTCON3
INT2IP
INT1IP
—INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
36, 77
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
36, 53
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
36, 53
POSTDEC0
Uses contents of FSR0 to address data memory– value of FSR0 post-decremented (not a physical register)
N/A
36, 53
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
36, 53
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 offset by W (not a physical register)
N/A
36, 53
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High
---- 0000
36, 53
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
36, 53
WREG
Working Register
xxxx xxxx
36
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
36, 53
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
36, 53
POSTDEC1
Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
N/A
36, 53
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
36, 53
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 offset by W (not a physical register)
N/A
36, 53
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High
---- 0000
36, 53
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
36, 53
BSR
—
—
—
—
Bank Select Register
---- 0000
37, 52
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
37, 53
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
37, 53
POSTDEC2
Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
N/A
37, 53
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
37, 53
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 offset by W (not a physical register)
N/A
37, 53
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High
---- 0000
37, 53
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
37, 53
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
37, 55
TMR0H
Timer0 Register High Byte
0000 0000
37, 101
TMR0L
Timer0 Register Low Byte
xxxx xxxx
37, 101
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
37, 99
OSCCON
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
IOFS
SCS1
SCS0
0000 q000
37, 17
LVDCON
—
—
IVRST
LVDEN
LVDL3
LVDL2
LVDL1
LVDL0
--00 0101
37, 167
WDTCON
—
—
—
—
—
—
—SWDTEN
--- ---0
37, 180
RCON
IPEN
—
—RI
TO
PD
POR
BOR
0--1 11q0
35, 56, 84
Legend:
x
= unknown, u = unchanged, – = unimplemented, q = value depends on condition
Note 1:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6) Oscillator mode only and read ‘0’
in all other oscillator modes.
2:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other modes.
3:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
4:
The RA5 port bit is only available when MCLRE fuse (CONFIG3H<7>) is programmed to ‘0’. Otherwise, RA5 reads ‘0’. This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com