Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1220TE/SOSQTP Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC18F1220TE/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SOSQTP Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC18F1220TE/SOSQTP Datasheet HTML 3Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 4Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 5Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 6Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 7Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 8Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 9Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 10Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 5
PIC18F1220/1320
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
This family offers the advantages of all PIC18 microcon-
trollers – namely, high computational performance at an
economical price – with the addition of high endurance
Enhanced Flash program memory. On top of these fea-
tures, the PIC18F1220/1320 family introduces design
enhancements that make these microcontrollers a logical
choice for many high-performance, power sensitive
applications.
1.1
New Core Features
1.1.1
nanoWatt TECHNOLOGY
All of the devices in the PIC18F1220/1320 family incor-
porate a range of features that can significantly reduce
power consumption during operation. Key items include:
• Alternate Run Modes: By clocking the controller
from the Timer1 source or the internal oscillator
block, power consumption during code execution
can be reduced by as much as 90%.
• Multiple Idle Modes: The controller can also run
with its CPU core disabled, but the peripherals are
still active. In these states, power consumption can
be reduced even further, to as little as 4% of normal
operation requirements.
• On-the-fly Mode Switching: The power managed
modes are invoked by user code during operation,
allowing the user to incorporate power-saving ideas
into their application’s software design.
• Lower Consumption in Key Modules: The power
requirements for both Timer1 and the Watchdog
Timer have been reduced by up to 80%, with typical
values of 1.1 and 2.1
μA, respectively.
1.1.2
MULTIPLE OSCILLATOR OPTIONS
AND FEATURES
All of the devices in the PIC18F1220/1320 family offer
nine different oscillator options, allowing users a wide
range of choices in developing application hardware.
These include:
• Four Crystal modes, using crystals or ceramic
resonators.
• Two External Clock modes, offering the option of
using two pins (oscillator input and a divide-by-4
clock output), or one pin (oscillator input, with the
second pin reassigned as general I/O).
• Two External RC Oscillator modes, with the same
pin options as the External Clock modes.
• An internal oscillator block, which provides an
8 MHz clock (±2% accuracy) and an INTRC source
(approximately 31 kHz, stable over temperature and
VDD), as well as a range of 6 user-selectable clock
frequencies (from 125 kHz to 4 MHz) for a total of
8 clock frequencies.
Besides its availability as a clock source, the internal
oscillator block provides a stable reference source that
gives
the
family
additional
features
for
robust
operation:
• Fail-Safe Clock Monitor: This option constantly
monitors the main clock source against a reference
signal provided by the internal oscillator. If a clock fail-
ure occurs, the controller is switched to the internal
oscillator block, allowing for continued low-speed
operation, or a safe application shutdown.
• Two-Speed Start-up: This option allows the internal
oscillator to serve as the clock source from Power-
on Reset, or wake-up from Sleep mode, until the
primary clock source is available. This allows for
code execution during what would otherwise be the
clock start-up interval and can even allow an appli-
cation to perform routine background activities and
return to Sleep without returning to full power
operation.
1.2
Other Special Features
• Memory Endurance: The Enhanced Flash cells for
both program memory and data EEPROM are rated
to last for many thousands of erase/write cycles –
up to 100,000 for program memory and 1,000,000
for EEPROM. Data retention without refresh is
conservatively
estimated
to
be
greater
than
40 years.
• Self-programmability: These devices can write to
their own program memory spaces under internal
software control. By using a bootloader routine
located in the protected Boot Block at the top of pro-
gram memory, it becomes possible to create an
application that can update itself in the field.
• Enhanced CCP module: In PWM mode, this
module provides 1, 2 or 4 modulated outputs for
controlling half-bridge and full-bridge drivers. Other
features include auto-shutdown, for disabling PWM
outputs on interrupt or other select conditions and
auto-restart, to reactivate outputs once the condition
has cleared.
• Enhanced USART: This serial communication
module features automatic wake-up on Start bit and
automatic baud rate detection and supports RS-232,
RS-485 and LIN 1.2 protocols, making it ideally
suited for use in Local Interconnect Network (LIN)
bus applications.
• 10-bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period and
thus, reduce code overhead.
• Extended Watchdog Timer (WDT): This enhanced
version incorporates a 16-bit prescaler, allowing a
time-out range from 4 ms to over 2 minutes that is
stable across operating voltage and temperature.
• PIC18F1220
• PIC18F1320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com