Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1220TE/SOSQTP Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18F1220TE/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SOSQTP Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18F1220TE/SOSQTP Datasheet HTML 35Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 36Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 37Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 38Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 39Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 40Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 41Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 42Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 37
PIC18F1220/1320
BSR
1220
1320
---- 0000
---- 0000
---- uuuu
INDF2
1220
1320
N/A
N/A
N/A
POSTINC2
1220
1320
N/A
N/A
N/A
POSTDEC2
1220
1320
N/A
N/A
N/A
PREINC2
1220
1320
N/A
N/A
N/A
PLUSW2
1220
1320
N/A
N/A
N/A
FSR2H
1220
1320
---- 0000
---- 0000
---- uuuu
FSR2L
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
1220
1320
---x xxxx
---u uuuu
---u uuuu
TMR0H
1220
1320
0000 0000
0000 0000
uuuu uuuu
TMR0L
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
1220
1320
1111 1111
1111 1111
uuuu uuuu
OSCCON
1220
1320
0000 q000
0000 q000
uuuu qquu
LVDCON
1220
1320
--00 0101
--00 0101
--uu uuuu
WDTCON
1220
1320
---- ---0
---- ---0
---- ---u
RCON(4)
1220
1320
0--1 11q0
0--q qquu
u--u qquu
TMR1H
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
1220
1320
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
1220
1320
0000 0000
0000 0000
uuuu uuuu
PR2
1220
1320
1111 1111
1111 1111
1111 1111
T2CON
1220
1320
-000 0000
-000 0000
-uuu uuuu
ADRESH
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
1220
1320
00-0 0000
00-0 0000
uu-u uuuu
ADCON1
1220
1320
-000 0000
-000 0000
-uuu uuuu
ADCON2
1220
1320
0-00 0000
0-00 0000
u-uu uuuu
CCPR1H
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
1220
1320
0000 0000
0000 0000
uuuu uuuu
PWM1CON
1220
1320
0000 0000
0000 0000
uuuu uuuu
ECCPAS
1220
1320
0000 0000
0000 0000
uuuu uuuu
TABLE 4-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-2 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the Oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Bit 5 of PORTA is enabled if MCLR is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com