Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7671AST Datasheet(PDF) 5 Page - Analog Devices

Part # AD7671AST
Description  16-Bit, 1 MSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671AST Datasheet(HTML) 5 Page - Analog Devices

  AD7671AST Datasheet HTML 1Page - Analog Devices AD7671AST Datasheet HTML 2Page - Analog Devices AD7671AST Datasheet HTML 3Page - Analog Devices AD7671AST Datasheet HTML 4Page - Analog Devices AD7671AST Datasheet HTML 5Page - Analog Devices AD7671AST Datasheet HTML 6Page - Analog Devices AD7671AST Datasheet HTML 7Page - Analog Devices AD7671AST Datasheet HTML 8Page - Analog Devices AD7671AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. B
AD7671
–5–
PIN CONFIGURATION
ST-48 and CP-48
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AGND
CNVST
PD
RESET
CS
RD
DGND
AGND
AVDD
NC
BYTESWAP
OB/
2C
WARP
IMPULSE
NC = NO CONNECT
SER/
PAR
D0
D1
D2/DIVSCLK[0]
BUSY
D15
D14
D13
AD7671
D3/DIVSCLK[1]
D12
ABSOLUTE MAXIMUM RATINGS
1
Analog Inputs
IND
2, INC2, INB2 . . . . . . . . . . . . . . . . . . . . –11 V to +30 V
INA, REF, INGND, REFGND, AGND
. . . . . . . . . . . . . . . . . . . . . . . . . . . – 0.3 V to AVDD + 0.3 V
Ground Voltage Differences
AGND, DGND, OGND . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Supply Voltages
AVDD, DVDD, OVDD . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD, AVDD to OVDD . . . . . . . . . . . . . .
±7 V
DVDD to OVDD . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Inputs . . . . . . . . . . . . . . . . –0.3 V to DVDD + 0.3 V
Internal Power Dissipation
3
. . . . . . . . . . . . . . . . . . . . 700 mW
Internal Power Dissipation
4
. . . . . . . . . . . . . . . . . . . . . . 2.5 W
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range
(Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
∞C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2 See Analog Inputs section.
3 Specification is for device in free air: 48-Lead LQFP:
qJA = 91∞C/W, qJC = 30∞C/W.
4 Specification is for device in free air: 48-Lead LFCSP:
qJA = 26∞C/W.
IOH
500 A
1.6mA
IOL
TO OUTPUT
PIN
1.4V
*IN SERIAL INTERFACE MODES,THE SYNC, SCLK, AND
SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE,THE LOAD IS 60pF MAXIMUM.
CL
60pF*
Figure 1. Load Circuit for Digital Interface Timing,
SDOUT, SYNC, SCLK Outputs, CL = 10 pF
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7671AST
–40
∞C to +85∞CQuad Flatpack (LQFP)
ST-48
AD7671ASTRL
–40
∞C to +85∞CQuad Flatpack (LQFP)
ST-48
AD7671ACP
–40
∞C to +85∞CChip Scale (LFCSP)
CP-48
AD7671ACPRL
–40
∞C to +85∞CChip Scale (LFCSP)
CP-48
EVAL-AD7671CB
1
Evaluation Board
EVAL-CONTROL BRD2
2
Controller Board
NOTES
1This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRD2 for evaluation/demonstration purposes.
2This board allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
t
DELAY
t
DELAY
0.8V
0.8V
0.8V
2V
2V
2V
Figure 2. Voltage Reference Levels for Timing
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7671 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com