Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7671AST Datasheet(PDF) 21 Page - Analog Devices

Part # AD7671AST
Description  16-Bit, 1 MSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671AST Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7671AST Datasheet HTML 16Page - Analog Devices AD7671AST Datasheet HTML 17Page - Analog Devices AD7671AST Datasheet HTML 18Page - Analog Devices AD7671AST Datasheet HTML 19Page - Analog Devices AD7671AST Datasheet HTML 20Page - Analog Devices AD7671AST Datasheet HTML 21Page - Analog Devices AD7671AST Datasheet HTML 22Page - Analog Devices AD7671AST Datasheet HTML 23Page - Analog Devices AD7671AST Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. B
AD7671
–21–
RFS
ADSP-21065L*
SHARC
CNVST
AD7671*
CS
SYNC
RD
DR
RCLK
FLAG OR TFS
SDOUT
SCLK
INVSYNC
INVSCLK
EXT/
INT
RDC/SDIN
SER/
PAR
DVDD
*ADDITIONAL PINS OMITTED FOR CLARITY
®
Figure 23. Interfacing to the ADSP-21065L Using
the Serial Master Mode
APPLICATION HINTS
Layout
The AD7671 has very good immunity to noise on the power
supplies as can be seen in Figure 9. However, care should still
be taken with regard to grounding layout.
The printed circuit board that houses the AD7671 should be
designed so the analog and digital sections are separated and con-
fined to certain areas of the board. This facilitates the use of ground
planes that can be easily separated. Digital and analog ground
planes should be joined in only one place, preferably underneath
the AD7671, or, at least, as close as possible to the AD7671. If
the AD7671 is in a system where multiple devices require analog-
to-digital ground connections, the connection should still be made at
one point only, a star ground point, which should be established
as close as possible to the AD7671.
It is recommended to avoid running digital lines under the device
as these will couple noise onto the die. The analog ground plane
should be allowed to run under the AD7671 to avoid noise
coupling. Fast switching signals like
CNVST or clocks should
be shielded with digital ground to avoid radiating noise to other
sections of the board and should never run near analog signal
paths. Crossover of digital and analog signals should be avoided.
Traces on different but close layers of the board should run at right
angles to each other. This will reduce the effect of feedthrough
through the board.
The power supply lines to the AD7671 should use as large a trace
as possible to provide low impedance paths and reduce the effect of
glitches on the power supply lines. Good decoupling is also impor-
tant to lower the supplies impedance presented to the AD7671
and to reduce the magnitude of the supply spikes. Decoupling
ceramic capacitors, typically 100 nF, should be placed on all of
the power supply pins power supplies pins AVDD, DVDD, and
OVDD close to, and ideally right up against, these pins and
their corresponding ground pins. Additionally, low ESR 10
mF
capacitors should be located in the vicinity of the ADC to further
reduce low frequency ripple.
The DVDD supply of the AD7671 can be either a separate sup-
ply or come from the analog supply, AVDD, or from the digital
interface supply, OVDD. When the system digital supply is noisy,
or fast switching digital signals are present, it is recommended,
if no separate supply is available, to connect the DVDD digital
supply to the analog supply AVDD through an RC filter as shown
in Figure 5 and to connect the system supply to the interface
digital supply OVDD and the remaining digital circuitry. When
DVDD is powered from the system supply, it is useful to insert
a bead to further reduce high frequency spikes.
The AD7671 has five different ground pins: INGND, REFGND,
AGND, DGND, and OGND. INGND is used to sense the
analog input signal. REFGND senses the reference voltage and
should be a low impedance return to the reference because it carries
pulsed currents. AGND is the ground to which most internal ADC
analog signals are referenced. This ground must be connected
with the least resistance to the analog ground plane. DGND must
be tied to the analog or digital ground plane depending on the
configuration. OGND is connected to the digital system ground.
The layout of the decoupling of the reference voltage is important.
The decoupling capacitor should be close to the ADC and con-
nected with short and large traces to minimize parasitic inductances.
Evaluating the AD7671 Performance
A recommended layout for the AD7671 is outlined in the evalua-
tion board for the AD7671. The evaluation board package includes
a fully assembled and tested evaluation board, documentation,
and software for controlling the board from a PC via the Eval-
Control Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com