Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7671AST Datasheet(PDF) 2 Page - Analog Devices

Part # AD7671AST
Description  16-Bit, 1 MSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671AST Datasheet(HTML) 2 Page - Analog Devices

  AD7671AST Datasheet HTML 1Page - Analog Devices AD7671AST Datasheet HTML 2Page - Analog Devices AD7671AST Datasheet HTML 3Page - Analog Devices AD7671AST Datasheet HTML 4Page - Analog Devices AD7671AST Datasheet HTML 5Page - Analog Devices AD7671AST Datasheet HTML 6Page - Analog Devices AD7671AST Datasheet HTML 7Page - Analog Devices AD7671AST Datasheet HTML 8Page - Analog Devices AD7671AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. B
–2–
AD7671–SPECIFICATIONS (–40 C to +85 C,AVDD=DVDD=5V,OVDD=2.7 V to 5.25 V, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIND – VINGND
±4 REF, 0 V to 4 REF, ±2 REF (See Table I)
Common-Mode Input Voltage
VINGND
–0.1
+0.5
V
Analog Input CMRR
fIN = 100 kHz
74
dB
Input Impedance
See Table I
THROUGHPUT SPEED
Complete Cycle
In Warp Mode
1
ms
Throughput Rate
In Warp Mode
1
1000
kSPS
Time between Conversions
In Warp Mode
1
ms
Complete Cycle
In Normal Mode
1.25
ms
Throughput Rate
In Normal Mode
0
800
kSPS
Complete Cycle
In Impulse Mode
1.5
ms
Throughput Rate
In Impulse Mode
0
666
kSPS
DC ACCURACY
Integral Linearity Error
–2.5
+2.5
LSB
1
No Missing Codes
16
Bits
Transition Noise
0.7
LSB
Bipolar Zero Error
2, T
MIN to TMAX
±5 V Range, Normal or
–45
+45
LSB
Impulse Modes
Other Range or Mode
–0.1
+0.1
% of FSR
Bipolar Full-Scale Error
2, T
MIN to TMAX
–0.38
+0.38
% of FSR
Unipolar Zero Error
2, T
MIN to TMAX
–0.18
+0.18
% of FSR
Unipolar Full-Scale Error
2, T
MIN to TMAX
–0.76
+0.76
% of FSR
Power Supply Sensitivity
AVDD = 5 V
±5%
±9.5
LSB
AC ACCURACY
Signal-to-Noise
fIN = 20 kHz
89
90
dB
3
fIN = 250 kHz
90
dB
Spurious-Free Dynamic Range
fIN = 250 kHz
100
dB
Total Harmonic Distortion
fIN = 20 kHz
–100
–96
dB
fIN = 250 kHz
–100
dB
Signal-to-(Noise+Distortion)
fIN = 20 kHz
88.5
90
dB
fIN = 250 kHz, –60 dB Input
30
dB
–3 dB Input Bandwidth
9.6
MHz
SAMPLING DYNAMICS
Aperture Delay
2ns
Aperture Jitter
5
ps rms
Transient Response
Full-Scale Step
250
ns
REFERENCE
External Reference Voltage Range
2.3
2.5
AVDD – 1.85
V
External Reference Current Drain
1 MSPS Throughput
200
mA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
+2.0
DVDD + 0.3
V
IIL
–1+1
mA
IIH
–1+1
mA
DIGITAL OUTPUTS
Data Format
Parallel or Serial 16-Bit
Pipeline Delay
Conversion Results Available Immediately
after Completed Conversion
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = –570
mA
OVDD – 0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com