Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7671AST Datasheet(PDF) 3 Page - Analog Devices

Part # AD7671AST
Description  16-Bit, 1 MSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671AST Datasheet(HTML) 3 Page - Analog Devices

  AD7671AST Datasheet HTML 1Page - Analog Devices AD7671AST Datasheet HTML 2Page - Analog Devices AD7671AST Datasheet HTML 3Page - Analog Devices AD7671AST Datasheet HTML 4Page - Analog Devices AD7671AST Datasheet HTML 5Page - Analog Devices AD7671AST Datasheet HTML 6Page - Analog Devices AD7671AST Datasheet HTML 7Page - Analog Devices AD7671AST Datasheet HTML 8Page - Analog Devices AD7671AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. B
–3–
AD7671
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.25
4
V
Operating Current
5
1 MSPS Throughput
AVDD
15
mA
DVDD
6
7.2
mA
OVDD
6
37
mA
Power Dissipation
6, 7
666 kSPS Throughput
8
84
95
mW
100 SPS Throughput
8
15
mW
1 MSPS Throughput
5
112
125
mW
In Power-Down Mode
9
7
mW
TEMPERATURE RANGE
10
Specified Performance
TMIN to TMAX
–40
+85
∞C
NOTES
1LSB means least significant bit. With the
±5 V input range, one LSB is 152.588 mV.
2See Definition of Specifications section. These specifications do not include the error contribution from the external reference.
3All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
4The max should be the minimum of 5.25 V and DVDD + 0.3 V.
5In Warp Mode.
6Tested in Parallel Reading Mode.
7Tested with the 0 V to 5 V range and V
IN – VINGND = 0 V. See Power Dissipation section.
8In Impulse Mode.
9With OVDD below DVDD + 0.3 V and all digital inputs forced to DVDD or DGND, respectively.
10Contact factory for extended temperature range.
Specifications subject to change without notice.
Table I. Analog Input Configuration
Input Voltage
Input
Range
IND(4R)
INC(4R)
INB(2R)
INA(R)
Impedance
1
±4 REF2
VIN
INGND
INGND
REF
1.63 k
W
±2 REF
VIN
VIN
INGND
REF
948
W
±REF
VIN
VIN
VIN
REF
711
W
0 V to 4 REF
VIN
VIN
INGND
INGND
948
W
0 V to 2 REF
VIN
VIN
VIN
INGND
711
W
0 V to REF
VIN
VIN
VIN
VIN
Note 3
NOTES
1Typical analog input impedance.
2With REF = 3 V, in this range, the input should be limited to –11 V to +12 V.
3For this range the input is high impedance.
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
Refer to Figures 11 and 12
Convert Pulsewidth
t1
5ns
Time between Conversions
t2
1/1.25/1.5
Note 1
ms
(Warp Mode/Normal Mode/Impulse Mode)
CNVST LOW to BUSY HIGH Delay
t3
30
ns
BUSY HIGH All Modes Except in Master Serial Read after
t4
0.75/1/1.25
ms
Convert Mode (Warp Mode/Normal Mode/Impulse Mode)
Aperture Delay
t5
2ns
End of Conversion to BUSY LOW Delay
t6
10
ns
Conversion Time (Warp Mode/Normal Mode/Impulse Mode)
t7
0.75/1/1.25
ms
Acquisition Time
t8
250
ns
RESET Pulsewidth
t9
10
ns
(–40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com