Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1720ARMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1720ARMZ-R7
Description  50 mA, High Voltage, Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720ARMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1720ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP1720
Rev. A | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
GND
GND
GND
ADJ
IN
OUT
GND
GND
GND
GND
IN
OUT
GND
EN
1
2
3
4
8
7
6
5
ADP1720
FIXED
GND
EN
1
2
3
8
7
6
TOP VIEW
(Not to Scale)
4
ADP1720
ADJUSTABLE
TOP VIEW
(Not to Scale)
5
Figure 3. 8-Lead MSOP
Figure 4. 8-Lead MSOP
Table 4. Pin Function Descriptions
ADP1720
Fixed
Pin No.
ADP1720
Adjustable
Pin No.
Mnemonic
Description
1
N/A
GND
This pin is internally connected to ground.
N/A
1
ADJ
Adjust. A resistor divider from OUT to ADJ sets the output voltage.
2
2
IN
Regulator Input Supply. Bypass IN to GND with a 1 μF or greater capacitor.
3
3
OUT
Regulated Output Voltage. Bypass OUT to GND with a 1 μF or greater capacitor.
4
4
EN
Enable Input. Drive EN high to turn on the regulator; drive it low to turn off the regulator. For
automatic startup, connect EN to IN.
5
5
GND
Ground.
6
6
GND
Ground.
7
7
GND
Ground.
8
8
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com