Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1720ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1720ARMZ-R7
Description  50 mA, High Voltage, Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1720ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP1720
Rev. A | Page 8 of 16
0
300
11
ILOAD (mA)
00
10
250
200
150
100
50
4.60
4.9
5.4
VIN (V)
Figure 11. Dropout Voltage vs. Load Current
5.05
5.00
4.95
4.90
4.85
4.80
4.75
4.70
4.65
5.0
5.1
5.2
5.3
ILOAD = 50mA
ILOAD = 25mA
ILOAD = 10mA
ILOAD = 1mA
Figure 12. Output Voltage vs. Input Voltage (in Dropout)
3.5
0
4.9
5.4
VIN (V)
3.0
2.5
2.0
1.5
1.0
0.5
5.0
5.1
5.2
5.3
ILOAD =
50mA
ILOAD =
25mA
ILOAD =
10mA
ILOAD =
1mA
Figure 13. Ground Current vs. Input Voltage (in Dropout)
0
–100
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
–90
100µA
10mA
1mA
VIN = 8V
VOUT = 1.6V
COUT = 1µF
VRIPPLE = 50mV
Figure 14. Power Supply Rejection Ratio vs. Frequency
(1.6 V Adjustable Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com