Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1720ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1720ARMZ-R7
Description  50 mA, High Voltage, Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1720ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADP1720
Rev. A | Page 9 of 16
–100
10
10M
0
FREQUENCY (Hz)
100
1k
10k
100k
1M
VIN = 8V
VOUT = 5V
COUT = 1µF
VRIPPLE = 50mV
–10
–20
–30
–40
–50
–60
–70
–80
–90
1mA
10mA
100µA
Figure 15. Power Supply Rejection Ratio vs. Frequency
(5.0 V Fixed Output)
TIME (20µs/DIV)
1
VIN = 12V
VOUT = 1.6V
CIN = 1µF
COUT = 1µF
LOAD STEP FROM 2.5mA TO 47.5mA
VOUT
Figure 16. Load Transient Response
TIME (100µs/DIV)
2
1
VOUT = 5V
CIN = 1µF
COUT = 1µF
ILOAD = 50mA
VIN STEP FROM 6V TO 7V
VOUT
Figure 17. Line Transient Response
TIME (40µs/DIV)
2
1
VIN = 12V
VOUT = 5V
CIN = 1µF
COUT = 1µF
ILOAD = 50mA
EN
VOUT
Figure 18. Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com