Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1720ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1720ARMZ-R7
Description  50 mA, High Voltage, Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1720ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP1720ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADP1720
Rev. A | Page 15 of 16
COMPLIANT TO JEDEC STANDARDS MO-187-AA
OUTLINE DIMENSIONS
0.80
0.60
0.40
8°
0°
4
8
1
5
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.08
3.20
3.00
2.80
5.15
4.90
4.65
0.15
0.00
0.95
0.85
0.75
Figure 29. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Output
Voltage (V)
Package Description
Package Option
Branding
ADP1720ARMZ-5-R71
–40°C to +125°C
5
8-Lead MSOP
RM-8
L30
ADP1720ARMZ-3.3-R71
–40°C to +125°C
3.3
8-Lead MSOP
RM-8
L2Z
ADP1720ARMZ-R71
–40°C to +125°C
1.225 to 5
8-Lead MSOP
RM-8
L2M
ADP1720-5-EVALZ1
5
Evaluation Board
ADP1720-3.3-EVALZ1
3.3
Evaluation Board
ADP1720-EVALZ1
1.225 to 5
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com