Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018TP Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2018TP
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018TP Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2018TP Datasheet HTML 3Page - Analog Devices SSM2018TP Datasheet HTML 4Page - Analog Devices SSM2018TP Datasheet HTML 5Page - Analog Devices SSM2018TP Datasheet HTML 6Page - Analog Devices SSM2018TP Datasheet HTML 7Page - Analog Devices SSM2018TP Datasheet HTML 8Page - Analog Devices SSM2018TP Datasheet HTML 9Page - Analog Devices SSM2018TP Datasheet HTML 10Page - Analog Devices SSM2018TP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. A
–7–
SSM2018T/SSM2118T
SUPPLY VOLTAGE – Volts
TA = +25°C
0.1
0.01
0.001
0
±3
±6
±9
±12
±15
±18
Figure 19. SSM2118T THD + N vs. Supply Voltage
(AV = 0 dB, VIN = 1 V rms, fIN = 1 kHz, 80 kHz
Low-Pass Filter)
Figure 20. SSM2118T Noise Density vs. Frequency
0
±15
±5
±10
0
±5
±10
±15
±20
±20
SUPPLY VOLTAGE – Volts
RL = ∞Ω
±20
TA = +25°C
Figure 21. SSM2118T Maximum Output Swing vs.
Supply Voltage (THD = 1% max)
±9
0
1k
10k
100k
±3
±6
±12
±15
FREQUENCY – Hz
TA = +25°C
VS = ±15V
Figure 22. SSM2118T Maximum Output Swing vs.
Frequency (THD = 1 % max)
10
0
40
3
1
–60
2
–80
6
4
5
7
8
9
20
0
–20
–40
GAIN – dB
TA = +25°C
VS = ±15V
Figure 23. SSM2118T Output Offset Current vs. Gain
+10
0
–15
1k
1M
100k
10k
100
–5
–10
+5
FREQUENCY – Hz
0
–135
–45
–90
TA = +25°C
VS = ±15V
PHASE
GAIN
Figure 24. SSM2118T Gain/Phase vs. Frequency
500
300
0
10
100
1k
10k
100k
200
100
400
TA = +25°C
VS = ±15V
FREQUENCY – Hz
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com