Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018TP Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2018TP
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018TP Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2018TP Datasheet HTML 8Page - Analog Devices SSM2018TP Datasheet HTML 9Page - Analog Devices SSM2018TP Datasheet HTML 10Page - Analog Devices SSM2018TP Datasheet HTML 11Page - Analog Devices SSM2018TP Datasheet HTML 12Page - Analog Devices SSM2018TP Datasheet HTML 13Page - Analog Devices SSM2018TP Datasheet HTML 14Page - Analog Devices SSM2018TP Datasheet HTML 15Page - Analog Devices SSM2018TP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
–14–
SSM2018T/SSM2118T
such that full scale produces 80 dB of attenuation. The resistor
divider can be adjusted to provide other attenuation ranges. If a
parallel interface is needed, then the DAC8562 may be used, or
for a dual DAC, the AD8582.
0.1
µF
+15V
18k
Ω
VIN
6
DAC8512
8
7
CS
CLR
2
1
0.1
µF
18k
Ω
50pF
47pF
VOUT
150k
Ω
+15V
–15V
0.1
µF
+5V
CCON
1
µF
R6
825
Ω
R7
1k
Ω
0V
≤ V
C
≤ +2.24V
5
LD
3
SCLK
4
SDI
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSM2018T
NC
NC
NC
NC
NC = NO CONNECT
Figure 44. 12-Bit DAC Controls the VCA Gain
Supply Considerations and Single Supply Operation
The SSM2018T and SSM2118T have a wide operating supply
range. Many of the graphs in this data sheet show the perfor-
mance of the part from
±5 V to ±18 V. These graphs offer typi-
cal performance specifications and are a good indication of the
parts capabilities. The minimum operating supply voltage is
±4.5 V. Below this voltage, the parts are inoperable. Thus, to
account for supply variations, the recommended minimum sup-
ply is
±5 V.
The circuits in the data sheet do not show supply decoupling for
simplicity; however, to ensure best performance, each supply
pin should be decoupled with a 0.1
µF ceramic (or other low re-
sistance and inductance type) capacitor as close to the package
as possible. This minimizes the chance of supply noise feeding
through the part and causing excessive noise in the audio fre-
quency range.
The SSM2018T and SSM2118T can be operated in single sup-
ply mode as long as the circuit is properly biased. Figure 45
shows the proper configuration, which includes an amplifier to
create a false ground node midway between the supplies. A
high quality, wide bandwidth audio amplifier such as the OP176
or AD797 should be used to ensure a very low impedance
ground over the full audio frequency range. The minimum op-
erating supply for the SSM2018 is
±5 V, which gives a mini-
mum single supply of +10 V and ground. The performance of
the circuit with +10 V is identical to graphs that show operation
of the SSM2018T with
±5 V supplies.
1µF
2k
Ω
VC (PIN 11)
SSM2018T OR SSM2118T
1k
Ω*
3500ppm/
°C
1k
Ω*
3500ppm/
°C
CONTROL
VOLTAGE
*PRECISION RESISTOR CO.
10601 75TH ST. NORTH
LARGO, FL 34647
(813) 541-5771
Figure 42. Two TCRs Compensate for Temperature Drift
of Gain Constant
+15V
–15V
R3
10k
Ω
50pF
R4
1k
Ω
R5
9k
Ω
R1
10k
Ω
OP176
R2
10k
Ω
1k
Ω*
3500ppm/
°C
VC (PIN 11)
SSM2018T OR SSM2118T
CONTROL
VOLTAGE
Figure 43. Current Source Allows Temperature Compen-
sation with One TCR
One of the resistors in the divider to the control port can be sub-
stituted with an appropriately chosen TCR to compensate the
SSM2018T or the SSM2118T as shown in Figure 42. Because
the resistor divider effectively cuts the temperature coefficient in
half, two TCRs must be used. The combined drift of the two is
7000 ppm/
°C, given an effective drift for to the control voltage
of –3500 ppm/
°C. Of course, a single TCR with the appropriate
coefficient can be used. The 3500 ppm parts were chosen be-
cause they are a standard item and do not need to be special
ordered.
In many applications, an op amp is used to drive the control
voltage. If this is the case, it may be more economical to use the
op amp and a single TCR for temperature compensation. The
op amp is configured as a Howland current source as shown in
Figure 43. The current then flows through a single TCR to
create the control voltage. Because the resistor divider is not
present, the temp coefficient is equivalent to the TCR’s coef-
ficient. Using this technique, the drift was reduced from
–3500 ppm/
°C to –150 ppm/°C, which results in a total com-
pensated gain shift of 0.4 dB over the full temperature range at a
gain of
±20 dB.
Digital Control of the Gain
A common method of controlling the gain of a VCA is to use a
digital-to-analog converter to set the control voltage. Figure 44
shows a 12-bit DAC, the DAC8512, controlling the SSM2018T
(or SSM2118T). The DAC8512 is a complete 12-bit converter
in an 8-pin package. It includes an on board reference and a
output amplifier to produce an output voltage from 0 V to
+4.095 V, which is 1 mV/bit. Since the voltage is always posi-
tive, this circuit only provides attenuation. The resistor divider
on the output of the DAC8512 is set to scale the output voltage
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com