Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018TP Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2018TP
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018TP Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2018TP Datasheet HTML 4Page - Analog Devices SSM2018TP Datasheet HTML 5Page - Analog Devices SSM2018TP Datasheet HTML 6Page - Analog Devices SSM2018TP Datasheet HTML 7Page - Analog Devices SSM2018TP Datasheet HTML 8Page - Analog Devices SSM2018TP Datasheet HTML 9Page - Analog Devices SSM2018TP Datasheet HTML 10Page - Analog Devices SSM2018TP Datasheet HTML 11Page - Analog Devices SSM2018TP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
–8–
SSM2018T/SSM2118T
60
40
–80
100
1k
10M
1M
100k
10k
20
0
–20
–40
–60
FREQUENCY – Hz
TA = +25°C
VS = ±1.5V
OP275 AS
I/V CONV.
Figure 25. SSM2118T Gain vs. Frequency
0.06
0
100
0.03
0.01
–20
0.02
–40
0.05
0.04
80
40
20
060
TEMPERATURE –
°C
TA = +25°C
VS = ±15V
VIN = 10dBu
AV = –20dB
AND
VIN = –10dBu
AV = 20dB
VIN = 10dBu
AV = 0dB
Figure 26. SSM2018T and SSM2118T Distortion vs.
Temperature
–60
–110
40
–80
–100
–40
–90
–60
–70
20
0
–20
GAIN – dB
TA = +25°C
VS = ±15V
Figure 27. SSM2018T and SSM2118T Output Noise vs.
Gain (VIN = GND, 20 kHz Bandwidth)
100
0
30
10
20
60
40
50
70
80
90
CONTROL FEEDTHROUGH – mV
TA = +25°C
0V < VC < 1.2V
FREQ = 0Hz
300 UNITS
–3.0
–2.0
–1.0
0
1.0
2.0
Figure 28. SSM2018T Control Feedthrough Distribution
0
–20
–100
100
1k
100k
10k
–40
–60
–80
FREQUENCY – Hz
VS = ±15V
TA = +25°C
VC = 100mVRMS
Figure 29. SSM2018T and SSM2118T Control
Feedthrough vs. Frequency
3
–3
100
0
–2
–20
–1
–40
2
1
80
40
20
060
TEMPERATURE –
°C
VS = ±15V
0V < VC < 1.2V
FREQ = 0Hz
Figure 30. SSM2018T and SSM2118T Control
Feedthrough vs. Temperature
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com