Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018TP Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2018TP
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018TP Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2018TP Datasheet HTML 8Page - Analog Devices SSM2018TP Datasheet HTML 9Page - Analog Devices SSM2018TP Datasheet HTML 10Page - Analog Devices SSM2018TP Datasheet HTML 11Page - Analog Devices SSM2018TP Datasheet HTML 12Page - Analog Devices SSM2018TP Datasheet HTML 13Page - Analog Devices SSM2018TP Datasheet HTML 14Page - Analog Devices SSM2018TP Datasheet HTML 15Page - Analog Devices SSM2018TP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
–13–
SSM2018T/SSM2118T
on temperature: VT = kT/q (k = Boltzmann’s constant =
1.38E-23, q = electron charge = 1.6E-19, and T = absolute
temperature in Kelvin). This temperature dependency leads to
the –3500 ppm/
°C drift of the control law. It also means that
the control law changes as the part warms up. Thus, our speci-
fication for the control law states that the part has been powered
up for 60 seconds.
When the part is initially turned on, the temperature of the die
is still at the ambient temperature (25
°C for example), but the
power dissipation causes the die to warm up. With
±15 V sup-
plies and a supply current of 11 mA, 330 mW is dissipated.
This number is multiplied by
θ
JA to determine the rise in the
die’s temperature. In this case, the die increases from 25
°C to
approximately 50
°C. A 25°C temperature change causes a
8.25% increase in the gain constant, resulting in a gain constant
of 30 mV/dB. The graph in Figure 31 shows how the gain con-
stant varies over the full temperature range.
Proper Operating Mode for the SSM2018T and SSM2118T
Both parts have the flexibility of operating in either Class A or
Class AB. This is accomplished by adjusting the amount of cur-
rent flowing in the gain core (IM in Figure 38). The traditional
trade-off between the two classes is that Class A tends to have
lower THD but higher noise than Class AB. However, by utiliz-
ing well matched gain core transistors, distortion compensation
circuitry, and laser trimming, the SSM2018T and SSM2118T
have excellent THD performance in Class AB. Thus, the parts
offer the best of both worlds in having the low noise of Class AB
with low THD.
Because the parts operate optimally in Class AB, the distortion
trim is performed for this class. To guarantee conformance to the
data sheet THD specifications, both the SSM2018T and SSM2118T
must be operated in Class AB. This does not mean that the parts
cannot be operated in Class A, but the optimal THD trim point
is different for the two classes. Using Class A operation results
in a shift of THD performance from a typical value of 0.006%
to 0.05% without trim. An external potentiometer could be
added to change the trim back to its optimal point as shown in
the OVCE application circuit, but this adds the expense and
time in adjusting a potentiometer.
The class of operation is set by selecting the proper value for RB
shown in Figure 37. RB determines the current flowing into the
MODE input (Pin 12). For class AB operation with
±15 V
supplies, RB should be 150 kΩ. This results in a current of 95
µA. For other supply voltages, adjust the value of R
B such that
current remains at 95
µA. This current follows the formula:
I
MODE =
(V
CC –0. 7 V )
R
B
The factor of 0.7 V arises from the fact that the dc bias on Pin
12 is a diode drop above ground.
Output Drive
The SSM2018T is buffered by an internal op amp to provide a
low impedance output. This output is capable of driving to
within 1.2 V of either rail at 1% distortion for a 100 k
Ω load.
(Note: This 100 k
Ω load is in parallel with the feedback resistor
of 18 k
Ω, so the effective load is 15.3 kΩ.) For better than
0.01% distortion, the output should remain about 3.5 V away
from either rail as shown in Figure 3. As the graph of output
swing versus load resistance shows (Figure 10), to maintain less
than 1% distortion, the output current should be limited to
approximately
±1.3 mA. If higher current drive is required,
then the output should be buffered with a high quality op amp
such as the OP176 or AD797.
The internal amplifiers are compensated for unity gain stability
and are capable of driving a capacitive load up to 4700 pF.
Larger capacitive loads should be isolated from the output of the
SSM2018T by the use of a 50
Ω series resistor.
Upgrading SSM2018 Sockets
The SSM2018T easily replaces the SSM2018 in the basic VCA
configuration. The parts are pin for pin compatible allowing di-
rect replacement. At the same time, the trimming potentiom-
eters for symmetry and offset should be removed, as shown in
Figure 41. Upgrading to the SSM2018T immediately saves the
expense of the potentiometers and the time in production of
trimming for minimum distortion and control feedthrough.
18k
Ω
50pF
V+
VOUT
47pF
NC
1µF
1k
Ω
3k
Ω
V–
V+
1µF 18kΩ
1µF 18kΩ
RB: 150kΩ FOR CLASS AB
NC = NO CONNECT
RB
VCONTROL
VIN+
VIN–
1
2
3
4
5
6
7
8
16
15
14
13
12
10
9
SSM2018T
11
470k
Ω
500k
Ω
100k
Ω
10M
Ω
OFFSET
TRIM
V+
V–
SYMMETRY
TRIM
REMOVE FOR SSM2018T
Figure 41. Upgrading SSM2018 Sockets
If the SSM2018 is used in the OVCE or VCP configuration, the
SSM2018T can still directly replace it. However, the potenti-
ometers cannot necessarily be removed, as explained in the
OVCE and VCP sections.
Temperature Compensation of the Gain Constant
As explained above, the gain constant has a 3500 ppm/
°C tem-
perature drift due to the inherent nature of the control port.
Over the full temperature range of –40
°C to +85°C, the drift
causes the gain to change by 7 dB if the part is in a gain of
±20 dB. If the application requires that the gain constant be the
same over a wide temperature range, then external temperature
compensation should be employed. The simplest form of com-
pensation is a temperature compensating resistor (TCR), such
as the PT146 from Precision Resistor Co. These elements are
different from a standard thermistor in that they are linear over
temperature to better match the linear drift of the gain constant.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com