Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1606IPAPR Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS1606IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1606IPAPR Datasheet(HTML) 1 Page - Texas Instruments

  ADS1606IPAPR Datasheet HTML 1Page - Texas Instruments ADS1606IPAPR Datasheet HTML 2Page - Texas Instruments ADS1606IPAPR Datasheet HTML 3Page - Texas Instruments ADS1606IPAPR Datasheet HTML 4Page - Texas Instruments ADS1606IPAPR Datasheet HTML 5Page - Texas Instruments ADS1606IPAPR Datasheet HTML 6Page - Texas Instruments ADS1606IPAPR Datasheet HTML 7Page - Texas Instruments ADS1606IPAPR Datasheet HTML 8Page - Texas Instruments ADS1606IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
FEATURES
D Data Rate: 5MSPS (10MSPS in 2X Mode)
D Signal-to-Noise Ratio: 88dB
D Total Harmonic Distortion: −99dB
D Spurious-Free Dynamic Range: 101dB
D Linear Phase with 2.45MHz Bandwidth
D Passband Ripple: ±0.0025dB
D Selectable On-Chip Reference
D Directly Connects to TMS320C6000 DSPs
D Easily Upgradable to 18 Bits with the
ADS1625 and ADS1626
D Adjustable Power Dissipation: 315 to 570mW
D Power Down Mode
D Supplies: Analog
+5V
Digital
+3V
Digital I/O +2.7V to +5.25V
APPLICATIONS
D Scientific Instruments
D Automated Test Equipment
D Data Acquisition
D Medical Imaging
D Vibration Analysis
DESCRIPTION
The ADS1605 and ADS1606 are high-speed, high-pre-
cision, delta-sigma analog-to-digital converters (ADCs)
with 16-bit resolution. The data rate is 5 mega-samples
per second (MSPS), the bandwidth (−3dB) is 2.45MHz,
and passband ripple is less than
±0.0025dB (to
2.2MHz). Both devices offer the same outstanding per-
formance at these speeds with a signal-to-noise ratio up
to 88dB, total harmonic distortion down to −99dB, and
a spurious-free dynamic range up to 101dB. For even
higher-speed operation, the data rate can be doubled to
10MSPS in 2X mode. The ADS1606 includes an adjust-
able first-in first-out buffer (FIFO) for the output data.
The input signal is measured against a voltage refer-
ence that can be generated on-chip or supplied exter-
nally. The digital output data are provided over a simple
parallel interface that easily connects to digital signal
processors (DSPs). An out-of-range monitor reports
when the input range has been exceeded. The
ADS1605/6 operate from a +5V analog supply (AVDD)
and +3V digital supply (DVDD). The digital I/O supply
(IOVDD) operates from +2.7 to +5.25V, enabling the
digital interface to support a range of logic families. The
analog power dissipation is set by an external resistor
and can be reduced when operating at slower speeds.
A power down mode, activated by a digital I/O pin, shuts
down all circuitry. The ADS1605/6 are offered in a
TQFP-64 package using TI PowerPAD
 technology.
The ADS1605 and ADS1606, along with their 18-bit
counterparts, the ADS1625 and ADS1626, are well
suited for the demanding measurement requirements
of scientific instrumentation, automated test equip-
ment, data acquisition, and medical imaging.
REFEN
FIFO_LEV[2:0]
DOUT[15:0]
OTR
DRDY
RD
2XMODE
CS
CLK
PD
RESET
ADS1606 Only
FIFO
I/O
Interface
Digital
Filter
DS
Modulator
Reference and Bias Circuits
DGND
AGND
AVDD
DVDD
IOVDD
VCAP
RBIAS
VMID
VREFN
VREFP
AINP
AINN
ADS1605
ADS1606
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
16-Bit, 5MSPS
Analog-to-Digital Converter
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.


Similar Part No. - ADS1606IPAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1606IPAPR TI2-ADS1606IPAPR Datasheet
1Mb / 39P
16-Bit, 5MSPS Analog-to-Digital Converter
REVISED MAY 2007
More results

Similar Description - ADS1606IPAPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1605 BURR-BROWN-ADS1605 Datasheet
418Kb / 32P
16 BIT 5MSPS ANALOG TO DIGITAL CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com