Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1606IPAPR Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS1606IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1606IPAPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS1606IPAPR Datasheet HTML 20Page - Texas Instruments ADS1606IPAPR Datasheet HTML 21Page - Texas Instruments ADS1606IPAPR Datasheet HTML 22Page - Texas Instruments ADS1606IPAPR Datasheet HTML 23Page - Texas Instruments ADS1606IPAPR Datasheet HTML 24Page - Texas Instruments ADS1606IPAPR Datasheet HTML 25Page - Texas Instruments ADS1606IPAPR Datasheet HTML 26Page - Texas Instruments ADS1606IPAPR Datasheet HTML 27Page - Texas Instruments ADS1606IPAPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
24
FIFO (ADS1606 ONLY)
The ADS1606 includes an adjustable level first-in first-
out buffer (FIFO) for the output data. The FIFO allows
data to be temporarily stored within the ADS1606 to
provide more flexibility for the host controller when re-
trieving data. Pins FIFO_LEV[2:0] set the level or depth
of the FIFO. Note that these pins must be left uncon-
nected on the ADS1605. The FIFO is enabled by setting
at least one of the FIFO_LEV inputs high. Table 5
shows the corresponding FIFO level and DRDY period
for the different combinations of FIFO_LEV[2:0] set-
tings. For the best performance when using the FIFO,
it is recommended to:
1.
Set IOVDD = 3V.
2.
Synchronize data retrieval with CLK.
3.
Minimize loading on outputs DOUT[15:0].
4.
Ensure rise and fall times on CLK and RD are 1ns
or longer.
Table 5. FIFO Buffer Level Settings for the
ADS1606
FIFO_LEV[2:0]
FIFO BUFFER LEVEL
DRDY PERIOD
000
0: disabled,
operates like ADS1605
8/fCLK
001
2
16/fCLK
010
4
32/fCLK
011
6
48/fCLK
100
8
64/fCLK
101
10
80/fCLK
110
12
96/fCLK
111
14
112/fCLK
FIFO Operation
The ADS1606 FIFO collects the number of output read-
ings
set
by
the
level
corresponding
to
the
FIFO_LEV[2:0] setting. When the specified level is
reached, DRDY is pulsed high, indicating the data in the
FIFO are ready to be read. The DRDY period is a func-
tion of the FIFO level, as shown in Table 5. To read the
data, make sure CS is low (it is acceptable to tie it low)
and then take RD low. The first, or oldest, data will be
presented on the data output pins. After reading this
data, advance to the next data reading by toggling RD.
On the next falling edge of RD, the second data are
present on the data output pins. Continue this way until
all the data have been read from the FIFO, making sure
to take RD high when complete. Afterwards, wait until
DRDY toggles and repeat the readback cycle.
Figure 23
shows
an
example
readback
when
FIFO_LEV[2:0] = 010 (level = 4).
Readback considerations
The exact number of data readings set by the FIFO lev-
el must be read back each time DRDY toggles. The one
exception is that readback can be skipped entirely. In
this case, the DRDY period increases to 128 CLK peri-
od. Figure 24 shows an example when readback is
skipped with the FIFO level = 4. Do not read back more
or less readings from the FIFO than set by the level.
This interrupts the FIFO operation and can cause
DRDY to stay low indefinitely. If this occurs, the RESET
pin must be toggled followed by a RD pulse. This resets
the ADS1606 FIFO and also the digital filter, which then
must settle afterwards before valid data is ready. See
the section, Resetting the ADS1606, for more details.
Also note that the RD signal is independent of the CS
signal. Therefore, when multiple devices are used, the
RD signal should not be shared. Alternatively, individual
RD signals can be generated by performing an OR op-
eration with the CS signal.
Setting the FIFO Level
The FIFO level setting is usually a static selection that
is set when power is first applied to the ADS1606. If the
FIFO level needs to be changed after powerup, there
are two options. One is to asynchronously set the new
value on pin FIFO_LEV[2:0] then toggle RESET. Re-
member that the ADS1606 will need to settle after re-
setting. See the section, Resetting the ADS1606, for
more details. The other option avoids requiring a reset,
but needs synchronization of the FIFO level change
with the readback. The FIFO_LEV[2:0] pins have to be
changed after RD goes high after reading the first data,
but before RD goes low to read the last data from the
FIFO. The new FIFO level becomes active immediately
and the DRDY period adjusts accordingly. When de-
creasing the FIFO level this way, make sure to give ade-
quate time for readback of the data before setting the
new, smaller level. Figure 25 shows an example of a
synchronized FIFO level change from 4 to 8.
DRDY
DOUT[15:0]
(1) CS can be tied low.
(2) Data
1 is the oldest data and Data4 is the most recent.
CS(1)
RD
Data
1
(2)
Data
2
Data
3
Data
4
Figure 23. Example of FIFO Readback when FIFO Level = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com