Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1606IPAPR Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS1606IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1606IPAPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS1606IPAPR Datasheet HTML 11Page - Texas Instruments ADS1606IPAPR Datasheet HTML 12Page - Texas Instruments ADS1606IPAPR Datasheet HTML 13Page - Texas Instruments ADS1606IPAPR Datasheet HTML 14Page - Texas Instruments ADS1606IPAPR Datasheet HTML 15Page - Texas Instruments ADS1606IPAPR Datasheet HTML 16Page - Texas Instruments ADS1606IPAPR Datasheet HTML 17Page - Texas Instruments ADS1606IPAPR Datasheet HTML 18Page - Texas Instruments ADS1606IPAPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
15
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, 2XMODE = low, VCM = 2.0V, and
RBIAS = 37kΩ, unless otherwise noted.
SIGNAL−TO−NOISE RATIO
vs TEMPERATURE
Temperature (
_C)
−40
10
−15
35
60
85
100
90
80
70
60
50
V
IN = − 6dBFS
V
IN = −2dBFS
V
IN = − 20dBFS
f
IN = 100kHz
TOTAL HARMONIC DISTORTION
vs TEMPERATURE
Temperature (
_C)
−40
10
−15
35
60
85
−85
−90
−95
−100
−105
−110
V
IN = −6dBFS
V
IN = −2dBFS
V
IN = −20dBFS
f
IN =100kHz
SPURIOUS−FREE DYNAMIC RANGE
vs TEMPERATURE
Temperature (
_C)
−40
10
−15
35
60
85
110
105
100
95
90
85
V
IN = −6dBFS
V
IN = − 2dBFS
V
IN = −20dBFS
f
IN =100kHz
POWER−SUPPLY CURRENT
vs TEMPERATURE
Temperature (
_C)
−40
10
−15
35
60
85
130
120
110
100
90
80
70
60
50
40
30
I
AVDD (REFEN = high)
I
AVDD (REFEN = low)
I
DVDD +IIOVDD
DVDD = IOVDD = 3V
R
BIAS = 37kΩ,fCLK = 40MHz
SUPPLY CURRENT vs CLK FREQUENCY
20
10
30
40
50
CLK Frequency, f
CLK (MHz)
100
80
60
40
20
0
AVDD = 5V, DVDD = IOVDD = 3V, REFEN = High
I
DVDD +IIOVDD
I
AVDD (RBIAS =37kΩ)
I
AVDD (RBIAS = 60kΩ)
ANALOG SUPPLY CURRENT vs R
BIAS
R
BIAS (kΩ)
35
30
40
45
50
55
60
140
130
120
110
100
90
80
70
60
50
REFEN = low
REFEN = high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com