Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1606IPAPR Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS1606IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1606IPAPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS1606IPAPR Datasheet HTML 22Page - Texas Instruments ADS1606IPAPR Datasheet HTML 23Page - Texas Instruments ADS1606IPAPR Datasheet HTML 24Page - Texas Instruments ADS1606IPAPR Datasheet HTML 25Page - Texas Instruments ADS1606IPAPR Datasheet HTML 26Page - Texas Instruments ADS1606IPAPR Datasheet HTML 27Page - Texas Instruments ADS1606IPAPR Datasheet HTML 28Page - Texas Instruments ADS1606IPAPR Datasheet HTML 29Page - Texas Instruments ADS1606IPAPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
26
POWER SUPPLIES
Three supplies are used on the ADS1605/6: analog
(AVDD), digital (DVDD) and digital I/O (IOVDD). Each
supply must be suitably bypassed to achieve the best
performance. It is recommended that a 1
µF and 0.1µF
ceramic capacitor be placed as close to each supply pin
as possible. Connect each supply-pin bypass capacitor
to the associated ground, as shown in Figure 27. Each
main supply bus should also be bypassed with a bank
of capacitors from 47
µF to 0.1µF, as shown.
The IO and digital supplies (IOVDD and DVDD) can be
connected together when using the same voltage. In
this case, only one bank of 47
µF to 0.1µF capacitors is
needed on the main supply bus, though each supply pin
must still be bypassed with a 1
µF and 0.1µF ceramic ca-
pacitor.
C
P
C
P
C
P
C
P
C
P
C
P
C
P
C
P
1
2
3
9
10
11
12
18
58
57
55
54
53
52
51
19
25
26
AVDD
AVDD
AGND
AGND
C
P
6
7
AVDD
AGND
AGND
AVDD
47
µF
47
µF
47
µF4.7µF1µF0.1µF
0.1
µF
0.1
µF
1
µF
1
µF
4.7
µF
4.7
µF
ADS1605
ADS1606
If using separate analog and
digital ground planes, connect
together on the ADS1605/6 PCB.
DGND
NOTE: CP =1µF  0.1µF
AGND
AVDD
IOVDD
DVDD
Figure 27. Recommended Power-Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com