Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ50-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5290YRMZ50-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ50-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD5290YRMZ50-R7 Datasheet HTML 1Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 2Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 3Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 4Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 5Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 6Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 7Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 8Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5290
Data Sheet
Rev. C | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS6, 8, 9
Bandwidth −3 dB
BW
Code = 0x80
470
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz
0.006
%
VW Settling Time
tS
VA = 10 V, VB = 0 V, ±1 LSB error
band
4
µs
Resistor Noise Voltage
eN_WB
RWB = 5 kΩ, f = 1 kHz
9
nV/√Hz
1
Typical represents average reading at +25°C, VDD = +15 V, and VSS = −15 V.
2
Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from an ideal value measured between successive tap positions. Parts are guaranteed monotonic.
3
All parts have a 35 ppm/°C temperature coefficient.
4
INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
5
Resistor Terminal A, Terminal B, and Terminal W have no limitations on polarity with respect to each other.
6
Guaranteed by design and not subject to production test.
7
PDISS is calculated from (IDD × VDD) + abs (ISS × VSS). CMOS logic-level inputs result in minimum power dissipation.
8
Bandwidth, noise, and settling times are dependent on the terminal resistance value chosen. The lowest R value results in the fastest settling time and highest
bandwidth. The highest R value results in the minimum overall power consumption.
9
All dynamic characteristics use VDD = +15 V and VSS = −15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com