Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ50-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5290YRMZ50-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ50-R7 Datasheet(HTML) 2 Page - Analog Devices

  AD5290YRMZ50-R7 Datasheet HTML 1Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 2Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 3Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 4Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 5Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 6Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 7Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 8Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5290
Data Sheet
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—10 kΩ Version................................ 3
Electrical Characteristics—50 kΩ, 100 kΩ Versions ............... 5
Interface Timing Characteristics................................................ 7
3-Wire Digital Interface................................................................... 8
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configuration and Descriptions............................................ 10
Typical Performance Characteristics ........................................... 11
Theory of Operation ...................................................................... 15
Programming the Variable Resistor......................................... 15
Programming the Potentiometer Divider............................... 16
3-Wire Serial Bus Digital Interface .......................................... 16
Daisy Chain Operation.............................................................. 16
ESD Protection ........................................................................... 17
Terminal Voltage Operating Range ......................................... 17
Power-Up and Power-Down Sequences.................................. 17
Layout and Power Supply Biasing............................................ 17
Applications..................................................................................... 18
High Voltage DAC...................................................................... 18
Programmable Power Supply ................................................... 18
Audio Volume Control .............................................................. 18
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
11/11—Rev. B to Rev. C
Change to Figure 33 ....................................................................... 18
4/10—Rev. A to Rev. B
Changes to Figure 29...................................................................... 16
Updated Outline Dimensions ....................................................... 20
7/09—Rev. 0 to Rev. A
Changes to Features Section ............................................................1
Changes to Ordering Guide.......................................................... 20
12/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com