Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ50-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5290YRMZ50-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ50-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD5290YRMZ50-R7 Datasheet HTML 1Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 2Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 3Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 4Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 5Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 6Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 7Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 8Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD5290
Rev. C | Page 5 of 20
ELECTRICAL CHARACTERISTICS—50 KΩ, 100 KΩ VERSIONS
VDD/VSS = ±15 V ± 10%, VA = +VDD, VB = VSS or 0 V, −40°C < TA < +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS RHEOSTAT MODE
Resistor Differential NL2
R-DNL
RWB, VA = NC
−0.5
±0.1
+0.5
LSB
Resistor Nonlinearity2
R-INL
RWB, VA = NC
−1
±0.5
+1
LSB
Nominal Resistor Tolerance
∆RAB
TA = +25°C
−30
+30
%
Resistance Temperature Coefficient3
(∆RAB/RAB)/∆T×106 VAB = VDD, wiper = no connect
35
ppm/°C
Wiper Resistance
RW
50
100
DC CHARACTERISTICS POTENTIOMETER
DIVIDER MODE
Integral Nonlinearity4
INL
−1
±0.5
+1
LSB
Differential Nonlinearity4
DNL
−1
±0.5
+1
LSB
Voltage Divider Temperature
Coefficient
(∆VW/VW)/∆T×106
Code = 0x80
5
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
−2.5
−1.6
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
+0.6
+1.5
LSB
RESISTOR TERMINALS
Voltage Range5
VA, B,W
VSS
VDD
V
Capacitance6 A, B
CA, B
f = 1 MHz, measured to GND,
code = 0x80
45
pF
Capacitance6
CW
f = 1 MHz, measured to GND,
code = 0x80
60
pF
Common-Mode Leakage
ICM
VA = VB = VW
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High (CS, CLK, SDI)
VIH
2.4
V
Input Logic Low (CS, CLK, SDI)
VIL
0.8
V
Output Logic High (SDO)
VOH
RPull-up = 2.2 kΩ to 5 V
4.9
V
Output Logic Low (SDO)
VOL
IOL = 1.6 mA
0.4
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance6
CIL
5
pF
POWER SUPPLIES
Positive Supply Current
IDD
VIH = +5 V or VIL = 0 V,
VDD/VSS = ±15 V
15
50
μA
Negative Supply Current
ISS
VIH = +5 V or VIL = 0 V,
VDD/VSS = ±15 V
−0.01
−1
μA
Power Dissipation7
PDISS
VIH = +5 V or VIL = 0 V,
VDD/VSS = ±15 V
765
μW
Power Supply Rejection Ratio
PSRR
ΔVDD/ΔVSS = ±15 V ± 10%
−0.05
±0.01
+0.05
%/%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com