Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ50-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5290YRMZ50-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ50-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5290YRMZ50-R7 Datasheet HTML 8Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 9Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 10Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 11Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 12Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 13Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 14Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 15Page - Analog Devices AD5290YRMZ50-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5290
Data Sheet
Rev. C | Page 12 of 20
100
–100
0
CODE (Decimal)
256
80
60
40
20
0
–20
–40
–60
–80
32
64
96
128
160
192
224
10k
50k
100k
Figure 11. (ΔRWB/RWB)/ΔT Rheostat Mode Tempco
100
–100
0
CODE (Decimal)
256
80
60
40
20
0
–20
–40
–60
–80
32
64
96
128
160
192
224
10k
50k
100k
Figure 12. (ΔVWB/VWB)/ΔT Potentiometer Mode Tempco
0
–60
1k
(Hz)
1M
10k
100k
–6
–12
–18
–24
–30
–36
–42
–48
–54
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 13. 10 kΩ Gain vs. Frequency vs. Code
0
–60
1k
(Hz)
1M
10k
100k
–6
–12
–18
–24
–30
–36
–42
–48
–54
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 14. 50 kΩ Gain vs. Frequency vs. Code
0
–60
1k
(Hz)
1M
10k
100k
–6
–12
–18
–24
–30
–36
–42
–48
–54
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 15. 100 kΩ Gain vs. Frequency vs. Code
Figure 16. Midscale Transition Glitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com