Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASVZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9852ASVZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASVZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9852ASVZ Datasheet HTML 30Page - Analog Devices AD9852ASVZ Datasheet HTML 31Page - Analog Devices AD9852ASVZ Datasheet HTML 32Page - Analog Devices AD9852ASVZ Datasheet HTML 33Page - Analog Devices AD9852ASVZ Datasheet HTML 34Page - Analog Devices AD9852ASVZ Datasheet HTML 35Page - Analog Devices AD9852ASVZ Datasheet HTML 36Page - Analog Devices AD9852ASVZ Datasheet HTML 37Page - Analog Devices AD9852ASVZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
AD9852
Rev. E | Page 34 of 52
GENERAL OPERATION OF THE SERIAL INTERFACE
There are two phases of a serial communication cycle with the
AD9852. Phase 1 is the instruction cycle, which is the writing of
an instruction byte into the AD9852 coincident with the first
eight SCLK rising edges. The instruction byte provides the
AD9852 serial port controller with information regarding the
data transfer cycle, which is Phase 2 of the communication
cycle. The Phase 1 instruction byte defines whether the next
data transfer is a read or write and the register address to be
acted upon.
The first eight SCLK rising edges of each communication cycle
are used to write the instruction byte into the AD9852. The
remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the AD9852
and the system controller. The number of data bytes transferred
during Phase 2 of the communication cycle is a function of the
register address. The AD9852 internal serial I/O controller
expects every byte of the register being accessed to be
transferred. Table 11 describes how many bytes must be
transferred.
Table 11. Register Address vs. Data Bytes Transferred
Serial
Register
Address
Register Name
Number
of Bytes
Transferred
0
Phase Offset Tuning Word Register 1
2
1
Phase Offset Tuning Word Register 2
2
2
Frequency Tuning Word 1
6
3
Frequency Tuning Word 2
6
4
Delta frequency register
6
5
Update clock rate register
4
6
Ramp rate clock register
3
7
Control register
4
8
Digital multiplier register
2
A
On/off output shaped keying ramp
rate register
1
B
Control DAC register
2
At the completion of a communication cycle, the AD9852 serial
port controller expects the subsequent eight rising SCLK edges
to be the instruction byte of the next communication cycle. In
addition, an active high input on the IO RESET pin immediately
terminates the current communication cycle. After IO RESET
returns low, the AD9852 serial port controller requires the sub-
sequent eight rising SCLK edges to be the instruction byte of
the next communication cycle.
All data input to the AD9852 is registered on the rising edge of
SCLK, and all data is driven out of the AD9852 on the falling
edge of SCLK.
Figure 51 and Figure 52 are useful in understanding the general
operation of the AD9852 serial port.
INSTRUCTION
CYCLE
DATA TRANSFER
INSTRUCTION
BYTE
DATA BYTE 1
DATA BYTE 2
DATA BYTE 3
SDIO
CS
Figure 51. Using SDIO as a Read/Write Transfer
INSTRUCTION
CYCLE
DATA TRANSFER
INSTRUCTION
BYTE
SDIO
CS
DATA TRANSFER
DATA BYTE 1
DATA BYTE 2
DATA BYTE 3
SDO
Figure 52. Using SDIO as an Input and SDO as an Output
INSTRUCTION BYTE
The instruction byte contains the following information:
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
R/W
X
X
X
A3
A2
A1
A0
R/W—Bit 7 of the instruction byte determines whether a read
or write data transfer occurs following the instruction byte.
Logic high indicates that a read operation will occur. Logic 0
indicates that a write operation will occur.
Bit 6, Bit 5, and Bit 4 of the instruction byte are dummy bits
(don’t care).
A3, A2, A1, A0—Bit 3, Bit 2, Bit 1, and Bit 0 of the instruction
byte determine which register is accessed during the data transfer
portion of the communication cycle (see Table 9 for register
address details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com