Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASVZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9852ASVZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASVZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9852ASVZ Datasheet HTML 5Page - Analog Devices AD9852ASVZ Datasheet HTML 6Page - Analog Devices AD9852ASVZ Datasheet HTML 7Page - Analog Devices AD9852ASVZ Datasheet HTML 8Page - Analog Devices AD9852ASVZ Datasheet HTML 9Page - Analog Devices AD9852ASVZ Datasheet HTML 10Page - Analog Devices AD9852ASVZ Datasheet HTML 11Page - Analog Devices AD9852ASVZ Datasheet HTML 12Page - Analog Devices AD9852ASVZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
AD9852
Rev. E | Page 9 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
D6
3
D5
4
D4
7
D1
6
D2
5
D3
1
D7
8
D0
9
DVDD
10
DVDD
12
DGND
13
NC
14
A5
15
A4
16
A3
17
A2/IO RESET
18
A1/SDO
19
A0/SDIO
20
I/O UD CLK
11
DGND
59
58
57
54
55
56
60
53
52
AGND
NC
NC
AVDD
DACBP
DAC RSET
AVDD
AGND
IOUT2
51
IOUT2
49
IOUT1
48
IOUT1
47
AGND
46
AGND
45
AGND
44
AVDD
43
VINN
42
VINP
41
AGND
50
AVDD
NC = NO CONNECT
21 22 23
24
25 26 27
28 29 30
31 32 33 34 35 36 37 38 39 40
80 79
78
77
76 75 74
73 72 71
70 69 68 67 66 65 64 63 62 61
PIN 1
AD9852
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin Number
Mnemonic
Description
1 to 8
D7 to D0
8-Bit Bidirectional Parallel Programming Data Inputs. Used only in parallel programming mode.
9, 10, 23, 24, 25,
73, 74, 79, 80
DVDD
Connections for the Digital Circuitry Supply Voltage. Nominally 3.3 V more positive than AGND
and DGND.
11, 12, 26, 27, 28,
72, 75 to 78
DGND
Connections for Digital Circuitry Ground Return. Same potential as AGND.
13, 35, 57, 58, 63
NC
No Internal Connection.
14 to 16
A5 to A3
Parallel Address Inputs for Program Registers (Part of 6-Bit Parallel Address Inputs for Program
Register, A5:A0). Used only in parallel programming mode.
17
A2/IO RESET
Parallel Address Input for Program Registers (Part of 6-Bit Parallel Address Inputs for Program
Register, A5:A0)/IO Reset. A2 is used only in parallel programming mode. IO RESET is used when
the serial programming mode is selected, allowing an IO RESET of the serial communication bus
that is unresponsive due to improper programming protocol. Resetting the serial bus in this
manner does not affect previous programming, nor does it invoke the default programming
values seen in Table 9. Active high.
18
A1/SDO
Parallel Address Input for Program Registers (Part of 6-Bit Parallel Address Inputs for Program
Register, A5:A0)/Unidirectional Serial Data Output. A1 is used only in parallel programming
mode. SDO is used in 3-wire serial communication mode when the serial programming mode is
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com