Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASVZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9852ASVZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASVZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9852ASVZ Datasheet HTML 26Page - Analog Devices AD9852ASVZ Datasheet HTML 27Page - Analog Devices AD9852ASVZ Datasheet HTML 28Page - Analog Devices AD9852ASVZ Datasheet HTML 29Page - Analog Devices AD9852ASVZ Datasheet HTML 30Page - Analog Devices AD9852ASVZ Datasheet HTML 31Page - Analog Devices AD9852ASVZ Datasheet HTML 32Page - Analog Devices AD9852ASVZ Datasheet HTML 33Page - Analog Devices AD9852ASVZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
AD9852
Rev. E | Page 30 of 52
PLL Filter
The PLL FILTER pin (Pin 61) provides the connection for the
external zero-compensation network of the PLL loop filter. The
zero-compensation network consists of a 1.3 kΩ resistor in
series with a 0.01 μF capacitor. The other side of the network
should be connected as close as possible to Pin 60 (AVDD). For
optimum phase noise performance, the clock multiplier can be
bypassed by setting the bypass PLL bit in Control Register
Address 1E hex.
Differential REFCLK Enable
A high level on the DIFF CLK ENABLE pin enables the differential
clock inputs, REFCLK (Pin 69) and REFCLK (Pin 68). The min-
imum differential signal amplitude required is 400 mV p-p at
the REFCLK input pins. The center point or common-mode
range of the differential signal can range from 1.6 V to 1.9 V.
When Pin 64 (DIFF CLK ENABLE) is tied low, REFCLK (Pin 69)
is the only active clock input. This is referred to as single-ended
mode. In this mode, Pin 68 (REFCLK) should be tied low or high.
HIGH SPEED COMPARATOR
The comparator is optimized for high speed and has a toggle
rate greater than 300 MHz, low jitter, sensitive input, and built-
in hysteresis. It also has an output level of 1 V p-p minimum into
50 Ω or CMOS logic levels into high impedance loads. The com-
parator can be powered down separately to conserve power. This
comparator is used in clock-generator applications to square up
the filtered sine wave generated by the DDS.
POWER-DOWN
The programming registers allow several individual stages to be
powered down to reduce power consumption while maintaining
the functionality of the desired stages. These stages are identified in
the Register Layout table (Table 9) in the Address 1D hex section.
Power-down is achieved by setting the specified bits to logic high.
A logic low indicates that the stages are powered up.
Furthermore, and perhaps most importantly, the inverse sinc
filters and the digital multiplier stages can be bypassed to achieve
significant power reduction by programming the control regis-
ters in Address 20 hex. Again, logic high causes the stage to be
bypassed. Of particular importance is the inverse sinc filter
because this stage consumes a significant amount of power.
A full power-down occurs when all four PD bits in Control
Register 1D hex are set to logic high. This reduces power
consumption to approximately 10 mW (3 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com