Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASVZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9852ASVZ
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASVZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9852ASVZ Datasheet HTML 14Page - Analog Devices AD9852ASVZ Datasheet HTML 15Page - Analog Devices AD9852ASVZ Datasheet HTML 16Page - Analog Devices AD9852ASVZ Datasheet HTML 17Page - Analog Devices AD9852ASVZ Datasheet HTML 18Page - Analog Devices AD9852ASVZ Datasheet HTML 19Page - Analog Devices AD9852ASVZ Datasheet HTML 20Page - Analog Devices AD9852ASVZ Datasheet HTML 21Page - Analog Devices AD9852ASVZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
AD9852
Rev. E | Page 18 of 52
MODES OF OPERATION
There are five programmable modes of operation of the AD9852.
Selecting a mode requires that three bits in the control register
(Parallel Address 1F hex) be programmed as shown in Table 6.
Table 6. Mode Selection Table
Mode 2
Mode 1
Mode 0
Result
0
0
0
Single tone
0
0
1
FSK
0
1
0
Ramped FSK
0
1
1
Chirp
1
0
0
BPSK
In each mode, engaging certain functions may be prohibited.
Table 7 lists some important functions and their availability for
each mode.
SINGLE TONE (MODE 000)
When the MASTER RESET pin is asserted, single-tone mode
becomes the default. The user can also access this mode by
programming it into the control register. The phase accumulator,
responsible for generating an output frequency, is presented with
a 48-bit value from the Frequency Tuning Word 1 registers with
default values of 0. Default values from the remaining applicable
registers further define the single-tone output signal qualities.
The default values after a master reset configures the device
with an output signal of 0 Hz and zero phase. Upon power-up
and reset, the output from both DACs is a dc value equal to the
midscale output current. This is the default mode amplitude setting
of 0. Refer to the On/Off Output Shaped Keying (OSK) section
for further explanation of the output amplitude control. It is
necessary to program all or some of the 28 program registers to
produce a user-defined output signal. Figure 32 shows the
transition from the default condition (0 Hz) to a user-defined
output frequency (F1).
As with all Analog Devices DDS devices, the value of the frequency
tuning word is determined using the following equation:
FTW = (Desired Output Frequency × 2N)/SYSCLK
where:
N is the phase accumulator resolution (48 bits in this instance).
Desired Output Frequency is expressed in hertz.
FTW (frequency tuning word) is a decimal number.
After a decimal number has been calculated, it must be rounded
to an integer and then converted to binary format—a series of
48 binary-weighted 1s and 0s. The fundamental sine wave DAC
output frequency range is from dc to one-half SYSCLK.
Changes in frequency are phase continuous; therefore, the first
sampled phase value of the new frequency is referenced from the
time of the last sampled phase value of the previous frequency.
The 14-bit phase register adjusts the cosine DAC’s output phase.
The single-tone mode allows the user to control the following
signal qualities:
•
Output frequency to 48-bit accuracy
•
Output amplitude to 12-bit accuracy
•
Fixed, user-defined amplitude control
•
Variable, programmable amplitude control
•
Automatic, programmable, single-pin-controlled
on/off output shaped keying
•
Output phase to 14-bit accuracy
Furthermore, all of these qualities can be changed or modulated
via the 8-bit parallel programming port at a 100 MHz parallel
byte rate or at a 10 MHz serial rate. Incorporating this attribute
permits FM, AM, PM, FSK, PSK, and ASK operation in the
single-tone mode.
000 (SINGLE TONE)
MODE
F1
TW1
000 (DEFAULT)
0
F1
0
FREQUENCY
MASTER RESET
I/O UD CLK
Figure 32. Default State to User-Defined Output Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com