Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852/PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9852/PCB
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852/PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9852/PCB Datasheet HTML 25Page - Analog Devices AD9852/PCB Datasheet HTML 26Page - Analog Devices AD9852/PCB Datasheet HTML 27Page - Analog Devices AD9852/PCB Datasheet HTML 28Page - Analog Devices AD9852/PCB Datasheet HTML 29Page - Analog Devices AD9852/PCB Datasheet HTML 30Page - Analog Devices AD9852/PCB Datasheet HTML 31Page - Analog Devices AD9852/PCB Datasheet HTML 32Page - Analog Devices AD9852/PCB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
AD9852
Rev. E | Page 29 of 52
COSINE DAC
The cosine output of the DDS drives the cosine DAC (300 MSPS
maximum). Its maximum output amplitude is set by the DAC RSET
resistor at Pin 56. This is a current-output DAC with a full-scale
maximum output of 20 mA; however, a nominal 10 mA output
current provides best spurious-free dynamic range (SFDR) perfor-
mance. The value of RSET is 39.93/IOUT, where IOUT is expressed in
amps. DAC output compliance specifications limit the maximum
voltage developed at the outputs to −0.5 V to +1 V. Voltages
developed beyond this limitation cause excessive DAC distortion
and possibly permanent damage. The user must choose a proper
load impedance to limit the output voltage swing to the compliance
limits. Both DAC outputs should be terminated equally for best
SFDR, especially at higher output frequencies, where harmonic
distortion errors are more prominent.
The cosine DAC is preceded by an inverse sin(x)/x filter
(also called an inverse sinc filter) that precompensates for
DAC output amplitude variations over frequency to achieve
flat amplitude response from dc to Nyquist. This DAC can be
powered down when not needed by setting the DAC PD bit
high (Address 1D hex of the control register). Cosine DAC
outputs are designated as IOUT1 (Pin 48) and IOUT1 (Pin 49).
CONTROL DAC
The control DAC output can provide dc control levels to
external circuitry, generate ac signals, or enable duty cycle
control of the on-board comparator. The input to the control
DAC is configured to accept twos complement data supplied by
the user. Data is channeled through the serial or parallel inter-
face to the 12-bit control DAC register (Address 26 hex and
Address 27 hex) at a maximum data rate of 100 MHz. This DAC
is clocked at the system clock, 300 MSPS (maximum), and has
the same maximum output current capability as that of the
cosine DAC. The single RSET resistor on the AD9852 sets the
full-scale output current for both DACs. When not needed, the
control DAC can be powered down separately to conserve power
by setting the control DAC power-down bit high (Address 1D hex).
Control DAC outputs are designated as IOUT2 (Pin 52) and
IOUT2 (Pin 51).
FREQUENCY NORMALIZED TO SAMPLE RATE
4.0
0
0.1
–0.5
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
0.2
0.3
0.4
0.5
SYSTEM
ISF
SINC
Figure 48. Inverse Sinc Filter Response
INVERSE SINC FUNCTION
This filter precompensates input data to the cosine DAC for
the sin(x)/x roll-off characteristic inherent in the DAC’s
output spectrum. This allows wide bandwidth signals, such
as QPSK, to be output from the DAC without appreciable
amplitude variations as a function of frequency. The inverse
sinc function can be bypassed to significantly reduce power
consumption, especially at higher clock speeds.
Inverse sinc is engaged by default and is bypassed by bringing
the bypass inverse sinc bit high in Control Register 20 hex, as
noted in Table 9.
REFCLK MULTIPLIER
The REFCLK multiplier is a programmable PLL-based
reference clock multiplier that allows the user to select an
integer clock multiplying value over the range of 4× to 20×. Use
of this function allows users to input as little as 15 MHz at the
REFCLK input to produce a 300 MHz internal system clock.
Five bits in Control Register 1E hex set the multiplier value, as
described in Table 8.
The REFCLK multiplier function can be bypassed to allow
direct clocking of the AD9852 from an external clock source.
The system clock for the AD9852 is either the output of the
REFCLK multiplier (if it is engaged) or the REFCLK inputs.
REFCLK can be either a single-ended or differential input by
setting Pin 64 (DIFF CLK ENABLE) low or high, respectively.
PLL Range Bit
The PLL range bit selects the frequency range of the REFCLK
multiplier PLL. For operation from 200 MHz to 300 MHz
(internal system clock rate), the PLL range bit should be set to
Logic 1. For operation below 200 MHz, set the PLL range bit to
Logic 0. The PLL range bit adjusts the PLL loop parameters for
optimized phase noise performance within each range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com