Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852/PCB Datasheet(PDF) 40 Page - Analog Devices

Part # AD9852/PCB
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852/PCB Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9852/PCB Datasheet HTML 36Page - Analog Devices AD9852/PCB Datasheet HTML 37Page - Analog Devices AD9852/PCB Datasheet HTML 38Page - Analog Devices AD9852/PCB Datasheet HTML 39Page - Analog Devices AD9852/PCB Datasheet HTML 40Page - Analog Devices AD9852/PCB Datasheet HTML 41Page - Analog Devices AD9852/PCB Datasheet HTML 42Page - Analog Devices AD9852/PCB Datasheet HTML 43Page - Analog Devices AD9852/PCB Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
AD9852
Rev. E | Page 40 of 52
EVALUATION OF OPERATING CONDITIONS
The first step in applying the AD9852 is to select the internal
clock frequency. Clock frequency selections greater than 200 MHz
require use of the thermally enhanced package (AD9852ASVZ);
clock frequency selections equal to or less than 200 MHz may
allow use of the standard (nonthermally enhanced) plastic
surface-mount package, but more information is needed to
make this determination.
The second step is to determine the maximum required
operating temperature for the AD9852 in a given application.
Subtract this value from 150°C, which is the maximum junction
temperature allowed for the AD9852. For the extended indust-
rial temperature range, the maximum operating temperature is
85°C, which results in a difference of 65°C. This is the maxi-
mum temperature gradient the device can experience due to
power dissipation.
The third step is to divide this maximum temperature gradient
by the thermal impedance to determine the maximum power
dissipation allowed for the application. For this example, 65°C
divided by the thermal impedance of the package yields a total
power dissipation limit of 4.1 W and 1.7 W for the thermally and
nonthermally enhanced packages, respectively. Therefore, for a
3.3 V nominal power supply voltage, the current consumed by the
device under full operating conditions must not exceed 515 mA
for the standard plastic package or 1242 mA for the thermally
enhanced package. The total set of enabled functions and
operating conditions for a given application must support these
current consumption limits.
Figure 59 and Figure 60 can be used to determine the suitability
of a given AD9852 application in terms of the power dissipation
requirements. These graphs assume that the AD9852 device is
soldered to a multilayer PCB according to the recommended best
manufacturing practices and procedures for a given package type.
This ensures that the specified thermal impedance specifications
are achieved.
THERMALLY ENHANCED PACKAGE
MOUNTING GUIDELINES
Refer to the AN-772 Application Note for details on mounting
devices with an exposed paddle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com