Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852/PCB Datasheet(PDF) 52 Page - Analog Devices

Part # AD9852/PCB
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852/PCB Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9852/PCB Datasheet HTML 44Page - Analog Devices AD9852/PCB Datasheet HTML 45Page - Analog Devices AD9852/PCB Datasheet HTML 46Page - Analog Devices AD9852/PCB Datasheet HTML 47Page - Analog Devices AD9852/PCB Datasheet HTML 48Page - Analog Devices AD9852/PCB Datasheet HTML 49Page - Analog Devices AD9852/PCB Datasheet HTML 50Page - Analog Devices AD9852/PCB Datasheet HTML 51Page - Analog Devices AD9852/PCB Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
AD9852
Rev. E | Page 52 of 52
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9852ASVZ1
–40°C to +85°C
80-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-80-4
AD9852AST
–40°C to +85°C
80-Lead Low Profile Quad Flat Package [LQFP]
ST-80-2
AD9852ASTZ1
–40°C to +85°C
80-Lead Low Profile Quad Flat Package [LQFP]
ST-80-2
AD9852/PCB
Evaluation Board
1 Z = RoHS Compliant Part.
©2002–2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00634-0-5/07(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com