Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9852/PCB
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9852/PCB Datasheet HTML 20Page - Analog Devices AD9852/PCB Datasheet HTML 21Page - Analog Devices AD9852/PCB Datasheet HTML 22Page - Analog Devices AD9852/PCB Datasheet HTML 23Page - Analog Devices AD9852/PCB Datasheet HTML 24Page - Analog Devices AD9852/PCB Datasheet HTML 25Page - Analog Devices AD9852/PCB Datasheet HTML 26Page - Analog Devices AD9852/PCB Datasheet HTML 27Page - Analog Devices AD9852/PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
AD9852
Rev. E | Page 24 of 52
supplied or internally generated. See the Internal and External
Update Clock section for a discussion of the I/O update.
Alternatively, the CLR ACC2 control bit (Register Address 1F hex)
is available to clear both the frequency accumulator (ACC1)
and the phase accumulator (ACC2). When this bit is set high,
the output of the phase accumulator results in 0 Hz output from
the DDS. As long as this bit is set high, the frequency and phase
accumulators are cleared, resulting in 0 Hz output. To return to
the previous DDS operation, CLR ACC2 must be set to logic
low. This bit is useful for generating pulsed FM.
Figure 43 graphically illustrates the effect of the CLR ACC2 bit on
the DDS output frequency. Reprogramming the registers while
the CLR ACC2 bit is high allows a new FTW1 frequency and
slope to be loaded.
Another function only available in the chirp mode is the
HOLD pin (Pin 29). This function stops the clock signal to the
ramp rate counter, thereby halting any further clocking pulses
to the frequency accumulator, ACC1.
The effect is to halt the chirp at the frequency existing just
before the HOLD pin is pulled high. When the HOLD pin is
returned low, the clock resumes and chirp continues. During a
hold condition, the user can change the programming registers;
however, the ramp rate counter must resume operation at its
previous rate until a count of 0 is obtained before a new ramp
rate count can be loaded. Figure 44 illustrates the effect of the
hold function on the DDS output frequency.
I/O UD CLK
F1
0
FREQUENCY
MODE
FTW1
DFW
F1
000 (DEFAULT)
0
RAMP RATE
RAMP RATE
011 (CHIRP)
DELTA FREQUENCY WORD
CLR ACC1
Figure 42. Effect of CLR ACC1 in FM Chirp Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com